Electronic Components Datasheet Search
  English  ▼

X  

KNH10 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KNH10
Description  0402 Size. Rated current up to 2A MAX.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KNH10 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KNH10 Datasheet HTML 1Page - Kyocera Kinseki Corpotation KNH10 Datasheet HTML 2Page - Kyocera Kinseki Corpotation KNH10 Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMI Filters
KNH10 Series
RoHS Compliant
Features
• 0402 Size. Rated current up to 2A MAX.
• Effective for filtering noise on power (Vcc)
lines.
Applications
• PCs, Laser Printers, Cellular Phone,
Power/ Signal Lines for LCD Display,
Office Equipments
• AV Power Supply/ Signal Line, TV, VCR, etc.
• High Current Signal Lines
How to Order
KNH 10 C104 DA 20T S
①②
③
④
⑤ ⑥
① Series
② Size Code
10
1005 (EIA:0402)
③ Capacitance
C474
470,000pF
C104
100,000pF
C224
220,000pF
④ Application
DA
Digital Circuit in General
⑤ Packaging
20T
T&R: 20,000 pcs. (Std.)
⑥ Termination
S
Std.
Specifications
Part Number
Capacitance
(
+50/ −20%)
Rated
Current
Rated
Voltage
Temp. Coefficient
of Capacitance
Operating
Temperature
KNH10C474DA20TS
470,000pF
2.0A
10VDC
±15%
−40 to +85°C
KNH10C224DA20TS
220,000pF
2.0A
10VDC
±15%
KNH10C104DA20TS
100,000pF
2.0A
10VDC
±15%
•
Storage condition
Temperature:
−10 to +45°C
Humidity: 45 to 75%RH
Attenuation Characteristics
−
−
−
−
−
−
−
−
−
0.1
1
10
100
1000
10000
Frequency (MHz)
Recommended Land Pattern
(Unit: mm)
Packaging Specification
• Taping (20,000/ reel)
(Unit: mm)
Dimensions
(Unit: mm)
CODE
L
W
T
Dimensions 1.00
±0.10 0.50±0.10 0.35±0.05
CODE
G
P
R
Dimensions 0.30
±0.05 0.15±0.075
≥0.01


Similar Part No. - KNH10

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KNH21221 KSS-KNH21221 Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
KNH21471 KSS-KNH21471 Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
KNH21473 KSS-KNH21473 Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
KNH21C104DA KSS-KNH21C104DA Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
KNH21C105DA KSS-KNH21C105DA Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
More results

Similar Description - KNH10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Kyocera Kinseki Corpota...
KNH21C104DA KSS-KNH21C104DA Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
logo
TOKO, Inc
UCMH0907 TOKO-UCMH0907 Datasheet
167Kb / 1P
Rated DC Current 5.0A Max
logo
Integrated Device Techn...
89HPES4T4G2 IDT-89HPES4T4G2 Datasheet
698Kb / 30P
Support for Max Payload Size up to 2Kbytes
89HPES24T6G2 IDT-89HPES24T6G2 Datasheet
1Mb / 54P
Support for Max Payload Size up to 2048 bytes
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
Rated current : 5A max
logo
TRINAMIC Motion Control...
TMC7300-EVAL TRINAMIC-TMC7300-EVAL Datasheet
1Mb / 10P
2 DC motors with up to 2A current
logo
Murata Manufacturing Co...
DLW5BSM501TQ2 MURATA1-DLW5BSM501TQ2_V01 Datasheet
420Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM601TQ2 MURATA1-DLW5BSM601TQ2_V01 Datasheet
420Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM801TQ2 MURATA1-DLW5BSM801TQ2_V01 Datasheet
419Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com