Electronic Components Datasheet Search
  English  ▼

X  

AON3402 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON3402
Description  20V N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON3402 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON3402 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON3402 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON3402 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON3402 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
30
40
65
80
RθJL
20
25
Junction and Storage Temperature Range
A
PD
°C
3.1
2
-55 to 150
TA=70°C
ID
12.6
10
40
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±12
Gate-Source Voltage
Drain-Source Voltage
20
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
AON3402
20V N-Channel MOSFET
Product Summary
VDS (V) = 20V
ID = 12.6A (VGS = 4.5V)
RDS(ON) < 13mΩ (VGS = 4.5V)
RDS(ON) < 17mΩ (VGS = 2.5V)
RDS(ON) < 26mΩ (VGS = 1.8V)
ESD Rating: 2000V HBM
100% Rg Tested
General Description
The AON3402 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 1.8V while
retaining a 12V VGS(MAX) rating.This device is suitable
for use as load switch and general purpose FET
application.
DFN 3x3
Top View
Bottom View
Pin 1
G
D
S
Top View
1
2
3
4
8
7
6
5
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AON3402

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON3402 AOSMD-AON3402 Datasheet
1Mb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AON3402

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com