Electronic Components Datasheet Search
  English  ▼

X  

AON3402 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON3402
Description  20V N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON3402 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON3402 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON3402 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON3402 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON3402 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AON3402
Symbol
Min
Typ
Max
Units
BVDSS
20
V
10
TJ=55°C
25
IGSS
10
µA
BVGSO
±12
V
VGS(th)
0.5
0.78
1
V
ID(ON)
40
A
10.3
13
TJ=125°C
14.4
18
14.3
17
m
Ω
21.7
26
m
Ω
gFS
37
S
VSD
0.73
1
V
IS
4.8
A
Ciss
1810
pF
Coss
232
pF
Crss
200
pF
Rg
1.6
Ω
Qg
17.9
nC
Qgs
1.5
nC
Qgd
4.7
nC
tD(on)
2.5
ns
tr
7.2
ns
tD(off)
49
ns
tf
10.8
ns
trr
20.2
ns
Qrr
8
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=4.5V, VDS=10V, ID=12A
Gate Source Charge
Gate Drain Charge
RDS(ON)
IS=1A,VGS=0V
DYNAMIC PARAMETERS
VGS=0V, VDS=10V, f=1MHz
m
Ω
VGS=2.5V, ID=10.5A
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
VGS=1.8V, ID=8.5A
Forward Transconductance
Diode Forward Voltage
VDS=5V, ID=12A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=VGS ID=250µA
VDS=16V, VGS=0V
VDS=0V, VGS=±10V
µA
VGS=4.5V, VDS=5V
VGS=4.5V, ID=12A
Gate-Body leakage current
Static Drain-Source On-Resistance
Gate-Source Breakdown Voltage
VDS=0V, IG=±250uA
Gate Threshold Voltage
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=12A, dI/dt=100A/µs
Reverse Transfer Capacitance
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=10V, RL=1.0Ω,
RGEN=3Ω
Turn-On DelayTime
IF=12A, dI/dt=100A/µs
SWITCHING PARAMETERS
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev2: Nov. 2010
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com