Electronic Components Datasheet Search
  English  ▼

X  

ADDC02803SC Datasheet(PDF) 11 Page - Analog Devices

Part # ADDC02803SC
Description  28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02803SC Datasheet(HTML) 11 Page - Analog Devices

Back Button ADDC02803SC Datasheet HTML 7Page - Analog Devices ADDC02803SC Datasheet HTML 8Page - Analog Devices ADDC02803SC Datasheet HTML 9Page - Analog Devices ADDC02803SC Datasheet HTML 10Page - Analog Devices ADDC02803SC Datasheet HTML 11Page - Analog Devices ADDC02803SC Datasheet HTML 12Page - Analog Devices ADDC02803SC Datasheet HTML 13Page - Analog Devices ADDC02803SC Datasheet HTML 14Page - Analog Devices ADDC02803SC Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ADDC02803SC/ADDC02805SA
REV. A
–11–
before it falls below 50 V. In both cases, the ADDC02803SC/
ADDC02805SA can be modified to operate to specification up
to the 50 V input voltage limit and to shut down and protect
itself during the time the input voltage exceeds 50 V. When the
input voltage falls below 50 V as the surge ends, the converter
will automatically initiate a soft start. In order to survive these
higher input voltage surges, the modified converter will no longer
have input transient protection, however, as described below.
Contact the factory for information on units surviving high
input voltage surges.
Input Voltage Transient Protection: The converter has a
transient voltage suppressor connected across its input leads to
protect the unit against high voltage pulses (both positive and
negative) of short duration. With the power supply connected
in the typical system setup shown in Figure 23, a transient
voltage pulse is created across the converter in the following
manner. A 20
µF capacitor is first charged to 400 V. It is then
directly connected across the converter’s end of the two meter
power lead cable through a 2
Ω on-state resistance MOSFET.
The duration of this connection is 10
µs. The pulse is repeated
every second for 30 minutes. This test is repeated with the
connection of the 20
µF capacitor reversed to create a negative
pulse on the supply leads. (If continuous reverse voltage
protection is required, a diode can be added externally in series
at the expense of lower efficiency for the power system.)
The converter responds to this input transient voltage test by
shutting down due to its input overvoltage protection feature.
Once the pulse is over, the converter initiates a soft-start, which
is completed before the next pulse. No degradation of converter
performance occurs.
THERMAL CHARACTERISTICS
Junction and Case Temperatures: It is important for the
user to know how hot the hottest semiconductor junctions
within the converter get, and to understand the relationship
between junction, case and ambient temperatures. The hottest
semiconductors in the 100 W product line of Analog Devices’
high density power supplies are the switching MOSFETs and
the output rectifiers. There is an area inside the main power
transformers that is hotter than these semiconductors, but it is
within NAVMAT guidelines and well below the Curie tempera-
ture of the ferrite. (The Curie temperature is the point at which
the ferrite begins to lose its magnetic properties.)
Since NAVMAT guidelines require that the maximum junction
temperature be 110
°C, the power supply manufacturer must
specify the temperature rise above the case for the hottest semi-
conductors so the user can determine the case temperature
required to meet NAVMAT guidelines. The thermal charac-
teristics section of the specification table states the hottest junc-
tion temperature for maximum output power at a specified case
temperature. The unit can operate to case temperatures higher
than 90
°C, but 90°C is the maximum temperature that permits
NAVMAT guidelines to be met.
Case and Ambient Temperatures: It is the user’s responsi-
bility to properly heat sink the power supply in order to maintain
the appropriate case temperature and, in turn, the maximum
junction temperature. Maintaining the appropriate case tem-
perature is a function of the ambient temperature and the me-
chanical heat removal system. The static relationship of these
variables is established by the following formula:
T
C = T A + ( P D × R
θ
CA
)
where:
TC
= case temperature measured at the center of the pack-
age bottom,
TA
= ambient temperature of the air available for cooling,
PD
= the power, in watts, dissipated in the power supply,
Rθ
CA
= the thermal resistance from the center of the package
to free air, or case to ambient.
The power dissipated in the power supply, PD, can be calcu-
lated from the efficiency, , given in the data sheets, and the
actual output power, PO, in the user’s application by the fol-
lowing formula:
P
D = PO
1
η –1


For example, at 80 W of output power and 80% efficiency, the
power dissipated in the power supply is 20 W. If under these
conditions, the user wants to maintain NAVMAT deratings
(i.e., a case temperature of approximately 90
°C) with an ambi-
ent temperature of 75
°C, the required thermal resistance, case
to ambient, can be calculated as
90 = 75 + (20
× Rθ
CA
) or Rθ
CA
= 0.75
°C/W
This thermal resistance, case to ambient, will determine what
kind of heat sink and whether convection cooling or forced air
cooling is required to meet the constraints of the system.
SYSTEM INSTABILITY CONSIDERATIONS
In a distributed power supply architecture, a power source
provides power to many “point-of-load” (POL) converters. At
low frequencies, the POL converters appear incrementally as
negative resistance loads. This negative resistance could cause
system instability problems.
Incremental Negative Resistance: A POL converter is de-
signed to hold its output voltage constant no matter how its
input voltage varies. Given a constant load current, the power
drawn from the input bus is therefore also a constant. If the
input voltage increases by some factor, the input current must
decrease by the same factor to keep the power level constant.
In incremental terms, a positive incremental change in the
input voltage results in a negative incremental change in the
input current. The POL converter therefore looks, incremen-
tally, like a negative resistor.
The value of this negative resistor at a particular operating
point, VIN, IIN, is:
R
N =
–V
IN
I
IN
Note that this resistance is a function of the operating point. At
full load and low input line, the resistance is its smallest, while
at light load and high input line, it is its largest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com