Electronic Components Datasheet Search
  English  ▼

X  

ADDC02803SC Datasheet(PDF) 17 Page - Analog Devices

Part # ADDC02803SC
Description  28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02803SC Datasheet(HTML) 17 Page - Analog Devices

Back Button ADDC02803SC Datasheet HTML 10Page - Analog Devices ADDC02803SC Datasheet HTML 11Page - Analog Devices ADDC02803SC Datasheet HTML 12Page - Analog Devices ADDC02803SC Datasheet HTML 13Page - Analog Devices ADDC02803SC Datasheet HTML 14Page - Analog Devices ADDC02803SC Datasheet HTML 15Page - Analog Devices ADDC02803SC Datasheet HTML 16Page - Analog Devices ADDC02803SC Datasheet HTML 17Page - Analog Devices ADDC02803SC Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ADDC02803SC/ADDC02805SA
REV. A
–17–
SYNC IN
SYNC IN
5
8
6
3
2
R3
357
OLH5801
(ISOLINK)
R4
51
C3
0.1 F
D1
1N966B
C4
100pF
C5
100pF
R2
1k
D4
1N5819
R5
1k
D3
1N5819
C13
100pF
D2
1N5819
R13
1k
SYNC 1
SYNC 2
SYNC 10
VAUX
ENB
GND
VCC
OUT
HH73R-1MHz
CONNER/WINFIELD
C2
100pF
SYNC OUT
+5V
C1
0.1 F
DISABLE
R1
100
Figure 38. Fault Tolerant, Secondary Side Powered SYNC Drive Circuit
NOTES
1. Input to Output Isolation: With the use of the Isolink opto-
coupler, we can use the output of the converters to power the
Conner/Winfield 1 MHz clock (output referenced) and the
VAUX pin (input referenced) to power the opto-coupler.
2. Fault Tolerant: All outputs are capacitively coupled to ensure
that if the master clock stops working the individual units will
continue to operate at their own internal clock frequency,
thereby eliminating a potential single point failure.
3. Radiated Emissions: C2 can be added to slow down the clock
edges (Tr and Tf) for reducing radiated emissions.
4. Table: The following table shows the capacitor and resis-
tor value to be used for the number of converters to be
synchronized.
Resistor
# of
Capacitor
Value
Converters
Value (pF)
(ohms)
1
1000
100
2
470
200
3
330
300
4
270
400
5
220
500
6
180
600
7
150
700
8
120
800
9
100
900
10
100
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com