Electronic Components Datasheet Search
  English  ▼

X  

CX93040 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX93040
Description  Remote Site Management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX93040 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX93040 Datasheet HTML 1Page - Synaptics Incorporated. CX93040 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary Information
This document contains information on a new product. The parametric information,
although not fully characterized, is the result of testing initial devices.
CX93040-1x CSPMxx
V.92/V.34/V.32bis Controllered SPI Modem with CX20548
SmartDAA® for Embedded Applications
The CX93040 modem, paired with the CX20548 SmartDAA® 4 Line Side Device
(LSD), is well suited to embedded applications such as Point of Sale (POS)
terminals, Set-Top Boxes (STB), Video Recorders, Meters, Security Systems,
Remote Site Management, and other applications that require robust dial-up
connectivity. Integrating a microcontroller, digital signal processor, memory, and
a SmartDAA® interface onto a single die, the CX93040 is easily adaptable for
just about any application, completely independent of the host processor and
operating system. In addition, the SmartDAA interface hooks directly to
Conexant's field-proven, market-leading fourth-generation silicon DAA,
supporting the lowest component line-side design and permitting a single-cost,
optimized SKU capable of meeting and exceeding global PTT standards.
Setting the CX93040 apart is the addition of an SPI interface, which allows for
maximum flexibility in the main processor. Found in virtually every SoC and/or
main processor, SPI is a shared bus working in a master/slave configuration,
and requiring only one set of I/Os for all peripherals that attach to the SPI bus.
This is in stark contrast to a UART port for an RS232 serial bus, which requires a set
of dedicated I/Os for each peripheral. Using an SPI bus allows the CX93040 to
eliminate a UART port on the SoC and its associated pins that would have otherwise
been dedicated for the modem.
The CX93040 is offered in three versions, 1) V.32bis, 2) V.34 and 3) V.92.
Furthermore, CX93040 leverages three generations of firmware expertise and know-
how that, coupled with Conexant’s market-leading and field-proven DAA and full
reference design kits, makes this modem the easiest, most mature and robust
modem in which to design.
The CX93040 Controllered SPI modem device set is available in the smallest
footprint and environmentally friendly, RoHS/green-compliant packages consisting of
a CX93040 SPI interface modem device in a 6x6mm 20-pin Quad Flat-No Lead
(QFN) package and CX20548 SmartDAA 4 LSD in a 4mmx4mm 16-pin QFN
package.
Key Features
Benefits
SPI Interface
Uses I/O shared with other SPI peripherals - alleviates
need for host to support traditional serial interface
Controller-based modem, no external memory
required
OS independent and minimal host intervention
Up to V.92
Robust dial-up connectivity
Robust and field proven CID support
Meets performance criteria needed for Set-Top Box
applications
Support for POS specific fast connect protocols
Compatibility with established POS server base.
SmartDAA support
Allows worldwide support with a single design
Optional serial NVRAM interface
Allows additional country profile storage and code
upgrades
Reference design supporting 6KV
Quick time to market and low system cost
Applications
Point of Sale (POS) terminals
Set Top Boxes (STB)
Security Systems
Remote Site Management
Meters
Videophone Terminals
Part Number CX93040-1x CSPMxx
Description
V.92/V.34/V.32bis Controllered SPI
Modem with CX20548 SmartDAA® for
Embedded Applications


Similar Part No. - CX93040

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX93010 CONEXANT-CX93010 Datasheet
254Kb / 2P
Full turnkey design
CX93010X CONEXANT-CX93010X Datasheet
254Kb / 2P
Full turnkey design
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
Pin compatible with CX90240 chipset
CX93021 CONEXANT-CX93021 Datasheet
195Kb / 2P
Telephony/TAM support
More results

Similar Description - CX93040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLEX405 ETC2-FLEX405 Datasheet
362Kb / 4P
Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
logo
Gamewell-FCI by Honeywe...
F405 GAMEWELL-FCI-F405 Datasheet
101Kb / 4P
Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
logo
MRV Communications, Inc...
LX-4108T-010AC MRV-LX-4108T-010AC Datasheet
153Kb / 2P
4108 Remote Site Manager
logo
Texas Instruments
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
Controlled Baseline One Assembly/Test Site, One Fabrication Site
logo
List of Unclassifed Man...
CPCI-6210 ETC2-CPCI-6210 Datasheet
549Kb / 2P
Remote management support
logo
MRV Communications, Inc...
EM316FDT1E1RM MRV-EM316FDT1E1RM Datasheet
642Kb / 3P
T1/E1/J1 with Ethernet and Remote Management
logo
M/A-COM Technology Solu...
628702A MA-COM-628702A Datasheet
33Kb / 2P
Test Site Transfer
logo
Tripp Lite. All Rights ...
MODBUSCARD TRIPPLITE-MODBUSCARD Datasheet
504Kb / 2P
MODBUS Management Accessory Card for UPS Remote Monitoring and Control
logo
Advantech Co., Ltd.
WISE-PAAS ADVANTECH-WISE-PAAS Datasheet
703Kb / 3P
IoT Device Remote Monitoring and Management Platform
IPS-M420-LFA-SG-C ADVANTECH-IPS-M420-LFA-SG-C Datasheet
251Kb / 1P
Integrated Power System and Remote Management Package
20-Sep-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com