Electronic Components Datasheet Search
  English  ▼

X  

CX93040 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX93040
Description  Remote Site Management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX93040 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX93040 Datasheet HTML 1Page - Synaptics Incorporated. CX93040 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CX93040-1x Modem
20-Pin QFN
MCU/DSP
SmartDAA
Interface
DTE/Host
Interface
RAM
ROM
28.224 MHz
Crystal or Clock
Source
Digital Isolation
Barrier (DIB)
Optional
NVRAM
CX20548
SmartDAA 4
Line Side Device (LSD)
16-Pin QFN
Line Side
DIB
Interface
(LSDI)
Codec
Telephone
Line
Interface
External
Discrete
Components
DAA Hardware
Telephone
Line
TIP
RING
SPI Bus
Interface
CX93040-1x CSPMxx Features
Slave SPI Interface Modulations and
protocols
ITU-T V.92: Quick Connect, Modem-
on-Hold and PCM upstream
V.90/V.34/V.32bis/V.32
V.22bis/V.22/V.23/V.21
V.23 reverse, V.23 half-duplex
Bell 212A/Bell 103
V.29 FastPOS and V22 Fast
Connect
SIA Protocol and Contact ID for
alarm equipment
V.80 Synchronous Access Mode
V.17/V.29 Fax Class 1/1.0 and Fax
Class 2
V.44/V.42bis/MNP5 data compression
V.42/MNP2-4 Error correction
Call waiting (CW) detection for selected
countries
Hardware and software flow control and
speed buffering
Embedded and upgradable 63 country
profiles
Conexant Product Portfolio
Conexant’s comprehensive product portfolio includes solutions for imaging, audio, video surveillance, and embedded modem applications
.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-202792
Optional serial NVRAM interface for
country profile storage and code
upgrades
Full-duplex 8-bit/16-bit PCM voice pass-
through mode
28.224 MHz XTAL or clock input
Worldwide operation
Complies to TBR21 and other
country requirements
Type I Caller ID (CID) decoding
Type II Caller ID snooping
Call progress, blacklisting
Meets worldwide DC mask
requirements
Low power and voltage
Single +3.3 V supply
Low power consumption mode
+3.3 V I/O level
Compact, robust board design
Reference design files provided for
quick time-to-market
Reference design tested for PTT
and TBR.21 approvals
Small, low-profile modem packages
Reference design supports 6KV
isolation
SmartDAA Features
Extension pick-up detection
Digital line protection
Line reversal detection
Remote hang-up detection
Worldwide compliance
CX20548 SmartDAA 4 LSD in a 16-pin
QFN
Worldwide support with a single design
© 2011 Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are registered trademarks of Conexant Systems, Inc. All
other trademarks are owned by their respective owners. Although Conexant
strives for accuracy in all its publications, this material may contain errors or
omissions and is subject to change without notice. THIS MATERIAL IS
PROVIDED AS IS AND WITHOUT ANY EXPRESS OR IMPLIED
WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE AND NON-INFRINGEMENT. Conexant shall not
be liable for any special, indirect, incidental or consequential damages as a
result of its use.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com