Electronic Components Datasheet Search
  English  ▼

X  

ADF4001BCP Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4001BCP
Description  200 MHz Clock Generator PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4001BCP Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4001BCP Datasheet HTML 8Page - Analog Devices ADF4001BCP Datasheet HTML 9Page - Analog Devices ADF4001BCP Datasheet HTML 10Page - Analog Devices ADF4001BCP Datasheet HTML 11Page - Analog Devices ADF4001BCP Datasheet HTML 12Page - Analog Devices ADF4001BCP Datasheet HTML 13Page - Analog Devices ADF4001BCP Datasheet HTML 14Page - Analog Devices ADF4001BCP Datasheet HTML 15Page - Analog Devices ADF4001BCP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. 0
ADF4001
–16–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Thin Shrink SO Package (TSSOP)
(RU-16)
16
9
8
1
0.256 (6.50)
0.246 (6.25)
0.177 (4.50)
0.169 (4.30)
PIN 1
0.201 (5.10)
0.193 (4.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433 (1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
20-Leadless Frame Chip Scale Package (LFCSP)
(CP-20)
1
20
5
6
11
16
15
BOTTOM
VIEW
10
0.080 (2.25)
0.083 (2.10) SQ
0.077 (1.95)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.030 (0.75)
0.022 (0.60)
0.014 (0.50)
0.012 (0.30)
0.009 (0.23)
0.007 (0.18)
0.080 (2.00)
REF
0.010 (0.25)
MIN
0.020 (0.50)
BSC
12 MAX
0.008 (0.20)
REF
0.031 (0.80) MAX
0.026 (0.65) NOM
0.002 (0.05)
0.0004 (0.01)
0.0 (0.0)
0.035 (0.90) MAX
0.033 (0.85) NOM
SEATING
PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
PIN 1
INDICATOR
TOP
VIEW
0.148 (3.75)
BSC SQ
0.157 (4.0)
BSC SQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com