Electronic Components Datasheet Search
  English  ▼

X  

ADG426 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG426
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG426 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG426 Datasheet HTML 2Page - Analog Devices ADG426 Datasheet HTML 3Page - Analog Devices ADG426 Datasheet HTML 4Page - Analog Devices ADG426 Datasheet HTML 5Page - Analog Devices ADG426 Datasheet HTML 6Page - Analog Devices ADG426 Datasheet HTML 7Page - Analog Devices ADG426 Datasheet HTML 8Page - Analog Devices ADG426 Datasheet HTML 9Page - Analog Devices ADG426 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
–6–
ADG406/ADG407/ADG426
REV. 0
TIMING DIAGRAMS (ADG426)
Figure 1.
Figure 1 shows the timing sequence for latching the switch
address and enable inputs. The latches are level sensitive;
therefore, while WR is held low, the latches are transparent and
the switches respond to the address and enable inputs. This
input data is latched on the rising edge of WR.
Figure 2.
Figure 2 shows the Reset Pulse Width, t
RS, and the Reset Turn
Off Time, t
OFF (RS).
Note: All digital input signals rise and fall times are measured
from 10% to 90% of 3 V. t
R = tF = 20 ns.
TERMINOLOGY
V
DD
Most positive power supply potential.
V
SS
Most negative power supply potential in dual
supplies. In single supply applications, it may
be connected to ground.
GND
Ground (0 V) reference.
R
ON
Ohmic resistance between D and S.
R
ON Match
Difference between the R
ON of any two
channels.
I
S (OFF)
Source leakage current when the switch is off.
I
D (OFF)
Drain leakage current when the switch is off.
I
D, IS (ON)
Channel leakage current when the switch
is on.
V
D (VS)
Analog voltage on terminals D, S.
C
S (OFF)
Channel input capacitance for “OFF”
condition.
C
D (OFF)
Channel output capacitance for “OFF”
condition.
C
D, CS (ON)
“ON” switch capacitance.
C
IN
Digital input capacitance.
t
ON (EN)
Delay time between the 50% and 90%
points of the digital input and switch “ON”
condition.
t
OFF (EN)
Delay time between the 50% and 90%
points of the digital input and switch “OFF”
condition.
t
TRANSITION
Delay time between the 50% and 90%
points of the digital inputs and the switch
“ON” condition when switching from one
address state to another.
t
OPEN
“OFF” time measured between 80% points of
both switches when switching from one
address state to another.
V
INL
Maximum input voltage for logic “0.”
V
INH
Minimum input voltage for logic “1.”
I
INL (IINH)
Input current of the digital input.
Crosstalk
A measure of unwanted signal which is
coupled through from one channel to another
as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” channel.
Charge
A measure of the glitch impulse
Injection
transferred from the digital input to the analog
output during switching.
I
DD
Positive supply current.
I
SS
Negative supply current.
50%
tW
50%
tS
2V
0.8V
tH
3V
WR
0V
3V
A0, A1, A2, (A3)
EN
0V
50%
t
RS
50%
0.8V
0
3V
0V
V
0
0V
RS
t
OFF (RS)
SWITCH
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com