Electronic Components Datasheet Search
  English  ▼

X  

ADG426 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG426
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG426 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG426 Datasheet HTML 3Page - Analog Devices ADG426 Datasheet HTML 4Page - Analog Devices ADG426 Datasheet HTML 5Page - Analog Devices ADG426 Datasheet HTML 6Page - Analog Devices ADG426 Datasheet HTML 7Page - Analog Devices ADG426 Datasheet HTML 8Page - Analog Devices ADG426 Datasheet HTML 9Page - Analog Devices ADG426 Datasheet HTML 10Page - Analog Devices ADG426 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
–7–
REV. 0
ADG406/ADG407/ADG426
Typical Performance Graphs
Figure 6. R
ON as a Function of VD (VS): Single Supplies
Figure 7. R
ON as a Function of VD (VS) for Different
Temperatures
Figure 8. Leakage Currents as a Function of V
D (VS)
VD (VS) – Volts
400
0
15
100
50
2.5
0
200
150
250
300
350
12.5
10
7.5
5
VDD = +15V
VSS = 0V
VDD = +10V
VSS = 0V
VDD = +12V
VSS = 0V
TA = +25°C
VDD = +5V
VSS = 0V
VD (VS) – Volts
150
0
15
90
30
–10
60
–15
120
10
5
0
–5
TA = +25°C
VDD = +5V
VSS = –5V
VDD = +10V
VSS = –10V
VDD = +12V
VSS = –12V
VDD = +15V
VSS = –15V
VD (VS) – Volts
100
0
15
60
20
–10
40
–15
80
10
5
0
–5
VDD = +15V
VSS = –15V
+125
°C
+85
°C
+25
°C
Figure 3. R
ON as a Function of VD (VS): Dual Supplies
Figure 4. R
ON as a Function of VD (VS) for Different
Temperatures
Figure 5. Leakage Currents as a Function of V
D (VS)
VD (VS) – Volts
15
–10
–15
10
5
0
–5
VDD = +15V
VSS = –15V
TA = +25°C
0.10
–0.02
0.06
0.02
0.04
0.08
0.00
ID(ON)
ID(OFF)
IS(OFF)
V
D
(V
S
) – Volts
150
0
12
90
30
2
60
0
120
10
8
6
4
V
DD
= +12V
V
SS
= 0V
+125
°C
+85
°C
+25
°C
VD (VS) – Volts
0.02
0.00
–0.02
–0.01
0.01
12
2
0
10
8
6
4
VDD = +12V
VSS = 0V
TA = +25°C
ID(ON)
ID(OFF)
IS(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com