Electronic Components Datasheet Search
  English  ▼

X  

ADF4113BCP Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4113BCP
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113BCP Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4113BCP Datasheet HTML 15Page - Analog Devices ADF4113BCP Datasheet HTML 16Page - Analog Devices ADF4113BCP Datasheet HTML 17Page - Analog Devices ADF4113BCP Datasheet HTML 18Page - Analog Devices ADF4113BCP Datasheet HTML 19Page - Analog Devices ADF4113BCP Datasheet HTML 20Page - Analog Devices ADF4113BCP Datasheet HTML 21Page - Analog Devices ADF4113BCP Datasheet HTML 22Page - Analog Devices ADF4113BCP Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–19–
APPLICATIONS SECTION
Local Oscillator for GSM Base Station Transmitter
The following diagram shows the ADF4111/ADF4112/ADF4113
being used with a VCO to produce the LO for a GSM base station
transmitter.
The reference input signal is applied to the circuit at FREFIN
and, in this case, is terminated in 50
Ω. Typical GSM system
would have a 13 MHz TCXO driving the Reference Input
without any 50
Ω termination. In order to have a channel
spacing of 200 kHz (the GSM standard), the reference input
must be divided by 65, using the on-chip reference divider of
the ADF4111/ADF4112/ADF4113.
The charge pump output of the ADF4111/ADF4112/ADF4113
(Pin 2) drives the loop filter. In calculating the loop filter com-
ponent values, a number of items need to be considered. In this
example, the loop filter was designed so that the overall phase
margin for the system would be 45 degrees. Other PLL system
specifications are:
VDD
VP
AVDD DVDD
ADF4111
ADF4112
ADF4113
VP
1nF
4.7k
5.6k
620pF
3.3k
8.2nF
VCO190-902T
VCC
C
B
P
18
100pF
100pF
18
18
RFOUT
715
16
2
14
6
5
8
FREFIN
1000pF 1000pF
51
REFIN
MUXOUT
LOCK
DETECT
51
100pF
349
100pF
RFINA
RFINB
CE
CLK
DATA
LE
DECOUPLING CAPACITORS ON AVDD, DVDD, VP OF THE ADF411X
AND ON THE POSITIVE SUPPLY OF THE VCO190-902T HAVE
BEEN OMITTED FROM THE DIAGRAM TO AID CLARITY.
RSET
CP
1
Figure 29. Local Oscillator for GSM Base Station
KD = 5 mA
KV = 12 MHz/V
Loop Bandwidth = 20 kHz
FREF = 200 kHz
N = 4500
Extra Reference Spur Attenuation = 10 dB
All of these specifications are needed and used to come up with
the loop filter components values shown in Figure 29.
The loop filter output drives the VCO, which, in turn, is fed
back to the RF input of the PLL synthesizer and also drives
the RF Output terminal. A T-circuit configuration provides
50
Ω matching between the VCO output, the RF output and
the RFIN terminal of the synthesizer.
In a PLL system, it is important to know when the system is in
lock. In Figure 29, this is accomplished by using the MUXOUT
signal from the synthesizer. The MUXOUT pin can be pro-
grammed to monitor various internal signals in the synthesizer.
One of these is the LD or lock-detect signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com