Electronic Components Datasheet Search
  English  ▼

X  

ADF4113BCP Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4113BCP
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113BCP Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4113BCP Datasheet HTML 16Page - Analog Devices ADF4113BCP Datasheet HTML 17Page - Analog Devices ADF4113BCP Datasheet HTML 18Page - Analog Devices ADF4113BCP Datasheet HTML 19Page - Analog Devices ADF4113BCP Datasheet HTML 20Page - Analog Devices ADF4113BCP Datasheet HTML 21Page - Analog Devices ADF4113BCP Datasheet HTML 22Page - Analog Devices ADF4113BCP Datasheet HTML 23Page - Analog Devices ADF4113BCP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–20–
USING A D/A CONVERTER TO DRIVE RSET PIN
You can use a D/A converter to drive the RSET pin of the
ADF4110 family and thus increase the level of control over the
charge pump current ICP. This can be advantageous in wideband
applications where the sensitivity of the VCO varies over the
tuning range. To compensate for this, the ICP may be varied to
maintain good phase margin and ensure loop stability. See
Figure 30.
SHUTDOWN CIRCUIT
The attached circuit in Figure 31 shows how to shut down both
the ADF4110 family and the accompanying VCO. The ADG701
switch goes closed circuit when a Logic 1 is applied to the IN
input. The low-cost switch is available in both SOT-23 and
micro SO packages.
WIDEBAND PLL
Many of the wireless applications for synthesizers and VCOs in
PLLs are narrowband in nature. These applications include
the various wireless standards like GSM, DSC1800, CDMA or
WCDMA. In each of these cases, the total tuning range for the
local oscillator is less than 100 MHz. However, there are also
wide band applications where the local oscillator could have up
to an octave tuning range. For example, cable TV tuners have a
total range of about 400 MHz. Figure 32 shows an applica-
tion where the ADF4113 is used to control and program the
Micronetics M3500-2235. The loop filter was designed for an
RF output of 2900 MHz, a loop bandwidth of 40 kHz, a PFD
frequency of 1 MHz, ICP of 10 mA (2.5 mA synthesizer ICP
multiplied by the gain factor of 4), VCO KD of 90 MHz/V (sen-
sitivity of the M3500-2235 at an output of 2900 MHz) and a
phase margin of 45
°C.
In narrow-band applications, there is generally a small variation
in output frequency (generally less than 10%) and also a small
variation in VCO sensitivity over the range (typically 10% to 15%).
However, in wide band applications both of these parameters
have a much greater variation. In Figure 32, for example, we have
–25% and +17% variation in the RF output from the nominal
2.9 GHz. The sensitivity of the VCO can vary from 120 MHz/V
at 2750 MHz to 75 MHz/V at 3400 MHz (+33%, –17%).
Variations in these parameters will change the loop bandwidth.
This in turn can affect stability and lock time. By changing the
programmable ICP, it is possible to get compensation for these
varying loop conditions and ensure that the loop is always operat-
ing close to optimal conditions.
ADF4111
ADF4112
ADF4113
2.7k
VCO
GND
18
100pF
100pF
18
18
RFOUT
2
6
5
8
FREFIN
REFIN
51
100pF
100pF
RFINA
RFINB
POWER SUPPLY CONNECTIONS AND DECOUPLING
CAPACITORS ARE OMITTED FOR CLARITY.
RSET
CP
LOOP
FILTER
CE
CLK
DATA
LE
SPI COMPATIBLE SERIAL BUS
AD5320
12-BIT
V-OUT DAC
MUXOUT
LOCK
DETECT
14
INPUT
OUTPUT
RSET
1
Figure 30. Driving the RSET Pin with a D/A Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com