Electronic Components Datasheet Search
  English  ▼

X  

ADG431 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG431
Description  LC2MOS Precision Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG431 Datasheet(HTML) 7 Page - Analog Devices

  ADG431 Datasheet HTML 1Page - Analog Devices ADG431 Datasheet HTML 2Page - Analog Devices ADG431 Datasheet HTML 3Page - Analog Devices ADG431 Datasheet HTML 4Page - Analog Devices ADG431 Datasheet HTML 5Page - Analog Devices ADG431 Datasheet HTML 6Page - Analog Devices ADG431 Datasheet HTML 7Page - Analog Devices ADG431 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADG431/ADG432/ADG433
REV. B
–7–
Test Circuits
IDS
V1
SD
VS
RON = V1/IDS
Test Circuit 1. On Resistance
SD
+15V
+5V
0.1 F
0.1 F
VDD
VL
IN
VS
GND
VSS
RL
300
CL
35pF
VOUT
0.1 F
–15V
tON
tOFF
3V
50%
50%
50%
50%
3V
90%
90%
VIN
VIN
VOUT
ADG431
ADG432
Test Circuit 4. Switching Times
S1
D1
+15V
+5V
0.1 F
0.1 F
VDD
VL
IN1, IN2
VS1
GND
VSS
RL1
300
CL1
35pF
VOUT1
0.1 F
–15V
VS2
VOUT2
RL2
300
CL2
35pF
S2
VIN
D2
tD
tD
3V
50%
50%
90%
VIN
VOUT1
VOUT2
90%
90%
90%
0V
0V
0V
Test Circuit 5. Break-Before-Make Time Delay
SD
+15V
+5V
VDD
VL
IN
VS
GND
VSS
CL
10nF
VOUT
–15V
RS
3V
VIN
VOUT
VOUT
QINJ = CL
VOUT
Test Circuit 6. Charge Injection
SD
VS
A
VD
A
IS (OFF)
ID (OFF)
Test Circuit 2. Off Leakage
SD
VS
VD
A
ID (ON)
Test Circuit 3. On Leakage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com