Electronic Components Datasheet Search
  English  ▼

X  

ADG431 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG431
Description  LC2MOS Precision Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG431 Datasheet(HTML) 4 Page - Analog Devices

  ADG431 Datasheet HTML 1Page - Analog Devices ADG431 Datasheet HTML 2Page - Analog Devices ADG431 Datasheet HTML 3Page - Analog Devices ADG431 Datasheet HTML 4Page - Analog Devices ADG431 Datasheet HTML 5Page - Analog Devices ADG431 Datasheet HTML 6Page - Analog Devices ADG431 Datasheet HTML 7Page - Analog Devices ADG431 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADG431/ADG432/ADG433
REV. B
–4–
ABSOLUTE MAXIMUM RATINGS
(TA = +25
°C unless otherwise noted)
VDD to VSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +44 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +25 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –25 V
VL to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Analog, Digital Inputs
2
. . . . . . . . . . VSS – 2 V to VDD + 2 V or
30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Cerdip Package, Power Dissipation . . . . . . . . . . . . . . . 900 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 76
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +300
°C
Plastic Package, Power Dissipation . . . . . . . . . . . . . . . 470 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 117
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +260
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . . 600 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 77
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG431/ADG432/ADG433 features proprietary ESD protection circuitry, perma-
nent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
(DIP/SOIC)
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN1
D1
S1
VSS
GND
S4
D4
IN4
IN2
D2
S2
VDD
VL
S3
D3
IN3
ADG431
ADG432
ADG433
ORDERING GUIDE
Model
1
Temperature Range
Package Options
2
ADG431BN
–40
°C to +85°C
N-16
ADG431BR
–40
°C to +85°C
R-16A
ADG431TQ
–55
°C to +125°C
Q-16
ADG431ABR
–40
°C to +85°C
R-16A
3
ADG432BN
–40
°C to +85°C
N-16
ADG432BR
–40
°C to +85°C
R-16A
ADG432TQ
–55
°C to +125°C
Q-16
ADG432ABR
–40
°C to +85°C
R-16A
3
ADG433BN
–40
°C to +85°C
N-16
ADG433BR
–40
°C to +85°C
R-16A
ADG433ABR
–40
°C to +85°C
R-16A
3
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to T grade part numbers.
2N = Plastic DIP; R = 0.15" Small Outline IC (SOIC); Q = Cerdip.
3Trench isolated, latch-up proof parts. See Trench Isolation section.
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential in dual
supplies. In single supply applications, it may be
connected to GND.
VL
Logic power supply (+5 V).
GND
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
RON
Ohmic resistance between D and S.
RON vs. VD (VS) The variation in RON due to a change in the ana-
log input voltage with a constant load current.
RON Drift
Change in RON vs. temperature.
RON Match
Difference between the RON of any two switches.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” switch source capacitance.
CD (OFF)
“OFF” switch drain capacitance.
CD, CS (ON)
“ON” switch capacitance.
CIN
Input Capacitance to ground of a digital input.
tON
Delay between applying the digital control input
and the output switching on.
tOFF
Delay between applying the digital control input
and the output switching off.
tD
“OFF” time or “ON” time measured between the
90% points of both switches, when switching
from one address state to another.
Crosstalk
A measure of unwanted signal which is coupled
through from one channel to another as a result
of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through an
“OFF” switch.
Charge
A measure of the glitch impulse transferred from the
Injection
digital input to the analog output during switching.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com