Electronic Components Datasheet Search
  English  ▼

X  

ADG436 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG436
Description  Dual SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG436 Datasheet(HTML) 1 Page - Analog Devices

  ADG436 Datasheet HTML 1Page - Analog Devices ADG436 Datasheet HTML 2Page - Analog Devices ADG436 Datasheet HTML 3Page - Analog Devices ADG436 Datasheet HTML 4Page - Analog Devices ADG436 Datasheet HTML 5Page - Analog Devices ADG436 Datasheet HTML 6Page - Analog Devices ADG436 Datasheet HTML 7Page - Analog Devices ADG436 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
S1A
D1
S1B
IN1
S2A
D2
S2B
IN2
ADG436
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Dual SPDT Switch
ADG436
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
FEATURES
44 V Supply Maximum Ratings
VSS to VDD Analog Signal Range
Low On Resistance (12
Typ)
Low
RON (3
Max)
Low RON Match (2.5
Max)
Low Power Dissipation
Fast Switching Times
tON < 175 ns
tOFF < 145 ns
Low Leakage Currents (5 nA Max)
Low Charge Injection (10 pC)
Break-Before-Make Switching Action
APPLICATIONS
Audio and Video Switching
Battery Powered Systems
Test Equipment
Communications Systems
GENERAL DESCRIPTION
The ADG436 is a monolithic CMOS device comprising two
independently selectable SPDT switches. It is designed on an
LC
2MOS process which provides low power dissipation yet
gives high switching speed and low on resistance.
The on resistance profile is very flat over the full analog input
range ensuring good linearity and low distortion when switching
audio signals. High switching speed also makes the part suitable
for video signal switching. CMOS construction ensures ultralow
power dissipation making the part ideally suited for portable and
battery powered instruments.
Each switch conducts equally well in both directions when ON
and has an input signal range which extends to the power sup-
plies. In the OFF condition, signal levels up to the supplies are
blocked. All switches exhibit break-before-make switching ac-
tion for use in multiplexer applications. Inherent in the design is
low charge injection for minimum transients when switching the
digital inputs.
PRODUCT HIGHLIGHTS
1. Extended Signal Range
The ADG436 is fabricated on an enhanced LC
2MOS pro-
cess, giving an increased signal range which extends to the
supply rails.
2. Low Power Dissipation
3. Low RON
4. Single Supply Operation
For applications where the analog signal is unipolar, the
ADG436 can be operated from a single rail power supply.


Similar Part No. - ADG436

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436BN AD-ADG436BN Datasheet
323Kb / 12P
Dual SPDT Switch
REV. B
ADG436BNZ1 AD-ADG436BNZ1 Datasheet
323Kb / 12P
Dual SPDT Switch
REV. B
ADG436BR AD-ADG436BR Datasheet
323Kb / 12P
Dual SPDT Switch
REV. B
ADG436BR-REEL AD-ADG436BR-REEL Datasheet
323Kb / 12P
Dual SPDT Switch
REV. B
ADG436BRZ-REEL1 AD-ADG436BRZ-REEL1 Datasheet
323Kb / 12P
Dual SPDT Switch
REV. B
More results

Similar Description - ADG436

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
Dual SPDT USB Switch
logo
Analog Devices
ADG436 AD-ADG436_05 Datasheet
323Kb / 12P
Dual SPDT Switch
REV. B
ADG436 AD-ADG436_15 Datasheet
323Kb / 12P
Dual SPDT Switch
REV. B
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
RF Micro Devices
RFSW6222 RFMD-RFSW6222 Datasheet
640Kb / 9P
Differential SPDT or Dual SPDT Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
Dual SPDT Analog Switch
10-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com