Electronic Components Datasheet Search
  English  ▼

X  

ADG436 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG436
Description  Dual SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG436 Datasheet(HTML) 3 Page - Analog Devices

  ADG436 Datasheet HTML 1Page - Analog Devices ADG436 Datasheet HTML 2Page - Analog Devices ADG436 Datasheet HTML 3Page - Analog Devices ADG436 Datasheet HTML 4Page - Analog Devices ADG436 Datasheet HTML 5Page - Analog Devices ADG436 Datasheet HTML 6Page - Analog Devices ADG436 Datasheet HTML 7Page - Analog Devices ADG436 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
–3–
Single Supply
–40 C to
Test Conditions/
Parameter
+25 C
+85 C
Units
Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
RON
20
Ω typ
VD = +1 V, +10 V, IS = –1 mA
40
Ω max
RON Match
2.5
Ω max
LEAKAGE CURRENTS
VDD = +13.2 V
Source OFF Leakage IS (OFF)
±0.005
nA typ
VD = 12.2 V/1 V, VS = 1 V/12.2 V
±0.25
±5
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.05
nA typ
VS = VD = 12.2 V/1 V
±4
±5
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
±0.005
µA typ
VIN = 0 V or VDD
±0.5
µA max
DYNAMIC CHARACTERISTICS2
tON
100
ns typ
RL = 300
Ω, C
L = 35 pF;
200
ns max
VS = +8 V; Test Circuit 4
tOFF
90
ns typ
RL = 300
Ω, C
L = 35 pF;
180
ns max
VS = +8 V; Test Circuit 4
Break-Before-Make Delay, tOPEN
10
ns typ
RL = 300
Ω, C
L = 35 pF;
VS = +5 V; Test Circuit 5
Charge Injection
10
pC typ
VD = 6 V, RD = 0
Ω, C
L = 10 nF;
Test Circuit 6
OFF Isolation
72
dB typ
RL = 75
Ω, C
L = 5 pF, f = 1 MHz;
VS = 1.15 V rms; Test Circuit 7
Channel-to-Channel Crosstalk
90
dB typ
RL = 75
Ω, C
L = 5 pF, f = 1 MHz;
VS = 1.15 V rms, Test Circuit 8
CS (OFF)
10
pF typ
CD, CS (ON)
30
pF typ
POWER REQUIREMENTS
VDD = +13.5 V
IDD
0.05
mA typ
Digital Inputs = 0 V or 5 V
0.35
mA max
VDD
+3/+30
V min/V max
NOTES
1Temperature range is as follows: B Version, – 40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = +12 V, VSS = 0 V, GND = 0 V, unless otherwise noted)
ADG436



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com