Electronic Components Datasheet Search
  English  ▼

X  

ADG601 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG601
Description  2 ohm CMOS -5 V/5 V, SPST SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG601 Datasheet(HTML) 6 Page - Analog Devices

  ADG601 Datasheet HTML 1Page - Analog Devices ADG601 Datasheet HTML 2Page - Analog Devices ADG601 Datasheet HTML 3Page - Analog Devices ADG601 Datasheet HTML 4Page - Analog Devices ADG601 Datasheet HTML 5Page - Analog Devices ADG601 Datasheet HTML 6Page - Analog Devices ADG601 Datasheet HTML 7Page - Analog Devices ADG601 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
ADG601/ADG602
–6–
VD, VS – V
5
4
0
5.0
3
2
1
VDD
5V
VSS
0V
+85 C
+25 C
–40 C
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
TPC 4. On Resistance vs. VD(VS) for
Different Temperatures (Single Supply)
VS – V
500
400
0
–5
–45
–3
–2
–1
01234
300
200
100
TA
25 C
150
450
50
250
350
VDD
+5V
VSS
–5V
VDD
5V
VSS
0V
TPC 7. Charge Injection vs. Source
Voltage
FREQUENCY – MHz
0
–2
–12
0.2
1
10
100
–4
–6
–10
–8
VDD
+5V
VSS
–5V
TA
25 C
400
TPC 10. On Response vs. Frequency
TEMPERATURE – C
0.5
0.3
–0.5
0
0.1
–0.1
–0.3
–0.2
0.4
–0.4
0
0.2
10
85
20
30
40
60
70
80
50
IS (OFF)
ID (OFF)
ID, IS (ON)
VDD
5V
VSS
0V
VD
4.5V 1V
VS
1V 4.5V
TPC 5. Leakage Currents vs.
Temperature (Single Supply)
TEMPERATURE – C
–40
–20
020
40
60
80
180
160
0
80
60
40
20
140
100
120
VDD
5V
VSS
0V
VDD
+5V
VSS
–5V
VDD
5V
VSS
0V
VDD
+5V
VSS
–5V
tON
tOFF
TPC 8. tON/tOFF Times vs. Temperature
TEMPERATURE – C
0.5
0.3
–0.5
0
0.1
–0.1
–0.3
–0.2
0.4
–0.4
0
0.2
10
85
20
30
40
60
70
80
50
VDD
+5V
VSS
–5V
VD
4.5V
VS
4.5V
ID, IS (ON)
ID (OFF)
IS (OFF)
TPC 6. Leakage Currents vs.
Temperature (Dual Supply)
FREQUENCY – MHz
0
–10
–80
0.2
1
10
100
–20
–30
–70
–40
–50
–60
VDD
+5V
VSS
–5V
TA
25 C
TPC 9. Off Isolation vs. Frequency
–Typical Performance Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com