Electronic Components Datasheet Search
  English  ▼

X  

ADG701 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG701
Description  CMOS Low Voltage 2ohm SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG701 Datasheet(HTML) 1 Page - Analog Devices

  ADG701 Datasheet HTML 1Page - Analog Devices ADG701 Datasheet HTML 2Page - Analog Devices ADG701 Datasheet HTML 3Page - Analog Devices ADG701 Datasheet HTML 4Page - Analog Devices ADG701 Datasheet HTML 5Page - Analog Devices ADG701 Datasheet HTML 6Page - Analog Devices ADG701 Datasheet HTML 7Page - Analog Devices ADG701 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG701/ADG702
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
CMOS
Low Voltage 2
SPST Switches
FUNCTIONAL BLOCK DIAGRAMS
IN
S
D
ADG701
IN
S
D
ADG702
SWITCHES SHOWN FOR
A LOGIC "1" INPUT
FEATURES
+1.8 V to +5.5 V Single Supply
2
(Typ) On Resistance
Low On-Resistance Flatness
–3 dB Bandwidth >200 MHz
Rail-to-Rail Operation
6-Lead SOT-23
8-Lead
SOIC Package
Fast Switching Times
tON 18 ns
tOFF 12 ns
Typical Power Consumption (<0.01
W)
TTL/CMOS Compatible
APPLICATIONS
Battery Powered Systems
Communication Systems
Sample Hold Systems
Audio Signal Routing
Video Switching
Mechanical Reed Relay Replacement
GENERAL DESCRIPTION
The ADG701/ADG702 are monolithic CMOS SPST switches.
These switches are designed on an advanced submicron process
that provides low power dissipation yet high switching speed,
low on resistance, low leakage currents and –3 dB bandwidths of
greater than 200 MHz can be achieved.
The ADG701/ADG702 can operate from a single +1.8 V to
+5.5 V supply making it ideal for use in battery powered instru-
ments and with the new generation of DACs and ADCs from
Analog Devices.
As can be seen from the Functional Block Diagrams, with a
logic input of “1” the switch of the ADG701 is closed, while
that of the ADG702 is open. Each switch conducts equally well
in both directions when ON.
The ADG701/ADG702 are available in 6-lead SOT-23 and
8-lead
µSOIC packages.
PRODUCT HIGHLIGHTS
1. +1.8 V to +5.5 V Single Supply Operation. The ADG701/
ADG702 offer high performance, including low on resistance
and fast switching times and is fully specified and guaranteed
with +3 V and +5 V supply rails.
2. Very Low RON (3
Ω max at 5 V, 5 Ω max at 3 V). At 1.8 V
operation, RON is typically 40
Ω over the temperature range.
3. On-Resistance Flatness RFLAT(ON) (1
Ω max).
4. –3 dB Bandwidth >200 MHz.
5. Low Power Dissipation. CMOS construction ensures low
power dissipation.
6. Fast tON/tOFF.
7. Tiny 6-Lead SOT-23 and 8-Lead
µSOIC.


Similar Part No. - ADG701

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-500RL7 AD-ADG701BRJ-500RL7 Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-500RL7 AD-ADG701BRJ-500RL7 Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-REEL AD-ADG701BRJ-REEL Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-REEL AD-ADG701BRJ-REEL Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Similar Description - ADG701

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV.0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
<0.5 ohm CMOS, Low Voltage, SPST Switches
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Analog Devices
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com