Electronic Components Datasheet Search
  English  ▼

X  

ADG701 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG701
Description  CMOS Low Voltage 2ohm SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG701 Datasheet(HTML) 4 Page - Analog Devices

  ADG701 Datasheet HTML 1Page - Analog Devices ADG701 Datasheet HTML 2Page - Analog Devices ADG701 Datasheet HTML 3Page - Analog Devices ADG701 Datasheet HTML 4Page - Analog Devices ADG701 Datasheet HTML 5Page - Analog Devices ADG701 Datasheet HTML 6Page - Analog Devices ADG701 Datasheet HTML 7Page - Analog Devices ADG701 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADG701/ADG702
–4–
REV. A
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability. Only one absolute maxi-
mum rating may be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
Table I. Truth Table
ADG701 In
ADG702 In
Switch Condition
0
1
OFF
10
ON
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADG701/ADG702 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog, Digital Inputs
2
. . . . . . . . . . . . . . –0.3 V to VDD +0.3 V
or 30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle Max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
µSOIC Package, Power Dissipation . . . . . . . . . . . . . . . 315 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 206
°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 44
°C/W
SOT-23 Package, Power Dissipation . . . . . . . . . . . . . . 282 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 229.6
°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 91.99
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 kV
ORDERING GUIDE
Model
Temperature Range
Brand*
Package Descriptions
Package Options
ADG701BRT
–40
°C to +85°C
S3B
SOT-23 (Plastic Surface Mount)
RT-6
ADG702BRT
–40
°C to +85°C
S4B
SOT-23 (Plastic Surface Mount)
RT-6
ADG701BRM
–40
°C to +85°C
S3B
µSOIC (Small Outline)
RM-8
ADG702BRM
–40
°C to +85°C
S4B
µSOIC (Small Outline)
RM-8
*Brand = Due to package size limitations, these three characters represent the part number.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com