Electronic Components Datasheet Search
  English  ▼

X  

ADG719 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG719
Description  CMOS Low Voltage 4 ohm SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719 Datasheet(HTML) 7 Page - Analog Devices

  ADG719 Datasheet HTML 1Page - Analog Devices ADG719 Datasheet HTML 2Page - Analog Devices ADG719 Datasheet HTML 3Page - Analog Devices ADG719 Datasheet HTML 4Page - Analog Devices ADG719 Datasheet HTML 5Page - Analog Devices ADG719 Datasheet HTML 6Page - Analog Devices ADG719 Datasheet HTML 7Page - Analog Devices ADG719 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADG719
–7–
REV. A
APPLICATIONS INFORMATION
The ADG719 belongs to Analog Devices’ new family of
CMOS switches. This series of general purpose switches have
improved switching times, lower on resistance, higher band-
widths, low power consumption and low leakage currents.
ADG719 Supply Voltages
Functionality of the ADG719 extends from +1.8 V to +5.5 V
single supply, which makes it ideal for battery powered instru-
ments, where important design parameters are power efficiency
and performance.
It is important to note that the supply voltage effects the input
signal range, the on resistance and the switching times of the
part. By taking a look at the typical performance characteristics
and the specifications, the effects of the power supplies can be
clearly seen.
For VDD = +1.8 V operation, RON is typically 40 Ω over the
temperature range.
On Response vs. Frequency
Figure 8 illustrates the parasitic components that affect the ac
performance of CMOS switches (the switch is shown surrounded
by a box). Additional external capacitances will further degrade
some performance. These capacitances affect feedthrough,
crosstalk and system bandwidth.
CDS
S
VIN
RON
CD
CLOAD
RLOAD
D
VOUT
Figure 8. Switch Represented by Equivalent Parasitic
Components
The transfer function that describes the equivalent diagram of
the switch (Figure 8) is of the form (A)s shown below.
A(s)
= R
T
s(RON CDS )
+1
s(RT RON CT )
+1
where:
RT = RLOAD/(RLOAD + RON)
CT = CLOAD + CD + CDS
The signal transfer characteristic is dependent on the switch
channel capacitance, CDS. This capacitance creates a frequency
zero in the numerator of the transfer function A(s). Because the
switch on resistance is small, this zero usually occurs at high
frequencies. The bandwidth is a function of the switch output
capacitance combined with CDS and the load capacitance. The
frequency pole corresponding to these capacitances appears in
the denominator of A(s).
The dominant effect of the output capacitance, CD, causes the
pole breakpoint frequency to occur first. Therefore, in order to
maximize bandwidth a switch must have a low input and output
capacitance and low on resistance. The On Response vs. Fre-
quency plot for the ADG719 can be seen in Figure 7.
Off Isolation
Off isolation is a measure of the input signal coupled through an
off switch to the switch output. The capacitance, CDS, couples
the input signal to the output load, when the switch is off as
shown in Figure 9.
CDS
S
VIN
CD
CLOAD
RLOAD
D
VOUT
Figure 9. Off Isolation Is Affected by External Load Resis-
tance and Capacitance
The larger the value of CDS, larger values of feedthrough will be
produced. The typical performance characteristic graph of Fig-
ure 5 illustrates the drop in off isolation as a function of fre-
quency. From dc to roughly 200 kHz, the switch shows better
than –95 dB isolation. Up to frequencies of 10 MHz, the off
isolation remains better than –67 dB. As the frequency increases,
more and more of the input signal is coupled through to the
output. Off isolation can be maximized by choosing a switch
with the smallest CDS as possible. The values of load resistance
and capacitance affect off isolation also, as they contribute to the
coefficients of the poles and zeros in the transfer function of the
switch when open.
A(s)
=
s(RLOAD CDS )
s(RLOAD )(CLOAD
+ C
D
+ C
DS )
+1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com