Electronic Components Datasheet Search
  English  ▼

X  

ADG719 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG719
Description  CMOS Low Voltage 4 ohm SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719 Datasheet(HTML) 4 Page - Analog Devices

  ADG719 Datasheet HTML 1Page - Analog Devices ADG719 Datasheet HTML 2Page - Analog Devices ADG719 Datasheet HTML 3Page - Analog Devices ADG719 Datasheet HTML 4Page - Analog Devices ADG719 Datasheet HTML 5Page - Analog Devices ADG719 Datasheet HTML 6Page - Analog Devices ADG719 Datasheet HTML 7Page - Analog Devices ADG719 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADG719
–4–
REV. A
ORDERING GUIDE
Model
Temperature Range
Brand*
Package Description
Package Option
ADG719BRM
–40
°C to +85°C
S5B
µSOIC (microSmall Outline IC)
RM-8
ADG719BRT
–40
°C to +85°C
S5B
SOT-23 (Plastic Surface Mount)
RT-6
*Brand = Due to package size limitations, these three characters represent the part number.
PIN CONFIGURATIONS
Table I. Truth Table
ADG719 IN
Switch S1
Switch S2
0
ON
OFF
1
OFF
ON
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG719 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog, Digital Inputs
2
. . . . . . . . . . . –0.3 V to VDD + 0.3 V or
30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
µSOIC Package, Power Dissipation . . . . . . . . . . . . . . . 315 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 206
°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 44°C/W
SOT-23 Package, Power Dissipation . . . . . . . . . . . . . . 282 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 229.6
°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 91.99°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability. Only one absolute maxi-
mum rating may be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
6-Lead SOT-23
(RT-6)
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
IN
VDD
GND
S2
D
S1
ADG719
8-Lead
SOIC
(RM-8)
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
D
S1
GND
S2
NC
IN
NC
VDD
ADG719
TERMINOLOGY
VDD
Most Positive Power Supply Potential.
GND
Ground (0 V) Reference.
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
IN
Logic Control Input.
RON
Ohmic resistance between D and S.
∆R
ON
On resistance match between any two channels
i.e., RON max – RON min.
RFLAT(ON)
Flatness is defined as the difference between the
maximum and minimum value of on resistance as
measured over the specified analog signal range.
IS (OFF)
Source Leakage Current with the switch “OFF.”
ID, IS (ON)
Channel Leakage Current with the switch “ON.”
VD (VS)
Analog Voltage on Terminals D, S.
CS (OFF)
“OFF” Switch Source Capacitance.
CD (OFF)
“OFF” Switch Drain Capacitance.
CD, CS (ON) “ON” Switch Capacitance.
tON
Delay between applying the digital control input
and the output switching on.
tOFF
Delay between applying the digital control input
and the output switching off.
tD
“OFF” time or “ON” time measured between the
90% points of both switches, when switching
from one address state to another.
Crosstalk
A measure of unwanted signal that is coupled
through from one channel to another as a result
of parasitic capacitance.
Off Isolation A measure of unwanted signal coupling through
an “OFF” switch.
Bandwidth
The frequency at which the output is attenuated
by –3 dBs.
On Response The frequency reponse of the “ON” switch.
On Loss
The voltage drop across the “ON” switch seen on
the On Response vs. Frequency plot as how many
dBs the signal is away from 0 dB at very low
frequencies.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com