Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG726
Description  16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG726 Datasheet HTML 5Page - Analog Devices ADG726 Datasheet HTML 6Page - Analog Devices ADG726 Datasheet HTML 7Page - Analog Devices ADG726 Datasheet HTML 8Page - Analog Devices ADG726 Datasheet HTML 9Page - Analog Devices ADG726 Datasheet HTML 10Page - Analog Devices ADG726 Datasheet HTML 11Page - Analog Devices ADG726 Datasheet HTML 12Page - Analog Devices ADG726 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ADG726/ADG732
–11–
REV. PrD
PRELIMINARY TECHNICAL DATA
Test Circuit 1. On Resistance.
Test Circuits
Test Circuit 2. IS (OFF).
Test Circuit 3. ID (OFF)
Test Circuit 4. ID (ON)
Test Circuit 5. Switching Time of Multiplexer, tTRANSITION.
Test Circuit 6. Break Before Make Delay, tOPEN.
VDD
VDD
VOUT
D
VS
A0
ADG732*
S1
S32
S2 THRU S31
VIN
50
Ω
RL
300
Ω
CL
35pF
ADDRESS
DRIVE (VIN)
3V
VOUT
tOPEN
80%
80%
0V
A4
VS
*SIMILAR CONNECTION FOR ADG726
VSS
VSS
EN
GND
CS
WR
3V
50%
VOUT
tTRANSITION
90%
90%
tTRANSITION
ADDRESS
DRIVE (VIN )
50%
VOUT
D
VS1
* SIMILAR CONNECTION FOR ADG726
A0
EN
GND
CS
WR
ADG732*
S1
S32
S2 THRU S31
VIN
50
Ω
VS32
RL
300
Ω
CL
35pF
0V
V
DD
VDD
V
SS
VSS
VS1
VS32
A4
VS
IS(OFF)
VD
S1
S2
S32
+0.8V
D
EN
GND
V
DD
VDD
V
SS
VSS
ID(ON)
VD
S1
S32
VS
+2.4V
D
EN
A
GND
V
DD
VDD
V
SS
VSS
VD
S1
S2
S32
VS
ID(OFF)
D
EN
GND
V
DD
VDD
+0.8V
A
V
SS
VSS
IDS
S
RON = V1/IDS
V S
D
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com