Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG726
Description  16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 4 Page - Analog Devices

  ADG726 Datasheet HTML 1Page - Analog Devices ADG726 Datasheet HTML 2Page - Analog Devices ADG726 Datasheet HTML 3Page - Analog Devices ADG726 Datasheet HTML 4Page - Analog Devices ADG726 Datasheet HTML 5Page - Analog Devices ADG726 Datasheet HTML 6Page - Analog Devices ADG726 Datasheet HTML 7Page - Analog Devices ADG726 Datasheet HTML 8Page - Analog Devices ADG726 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
–4–
REV. PrD
ADG726/ADG732–SPECIFICATIONS1
PRELIMINARY TECHNICAL DATA
B Version
–40°C
Parameter
+25
oC
to +85°C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On-Resistance (RON)
3.5
Ω typ
VS = VSS to VDD, IDS = 10 mA;
5.5
6
Ω max
Test Circuit 1
On-Resistance Match Between
0.3
Ω typ
VS = VSS to VDD, IDS = 10 mA
Channels (
∆R
ON)
0.8
Ω max
On-Resistance Flatness (RFLAT(ON))
0.5
Ω typ
VS = VSS to VDD, IDS = 10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = +2.75 V, VSS = -2.75 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = +2.25 V/-1.25 V, VD = -1.25 V/+2.25 V;
± 1
± 5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VS = +2.25 V/-1.25 V, VD = -1.25 V/+2.25 V;
± 1
± 5
nA max
Test Circuit 3
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = +2.25 V/-1.25 V, Test Circuit 4
± 1
±10
nA max
DIGITAL INPUTS
Input High Voltage, VINH
1.7
V min
Input Low Voltage, VINL
0.7
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
5
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
40
ns typ
RL = 300 Ω, CL = 35 pF Test Circuit 5
60
ns max
VS1 = 1.5 V/0 V,VS32 = 0 V/1.5 V
Break-Before-Make Time Delay, tD
15
ns typ
RL = 300
Ω, C
L = 35 pF;
1
ns min
VS = 1.5 V, Test Circuit 6
tON(EN,
WR)
32
ns typ
RL = 300
Ω, C
L = 35 pF;
50
ns max
VS = 1.5 V, Test Circuit 7
tOFF(EN)
16
ns typ
RL = 300 Ω, CL = 35 pF;
26
ns max
VS = 1.5 V, Test Circuit 8
Charge Injection
± 8
pC typ
VS = 0 V, RS = 0
Ω, C
L = 1 nF; Test 9
Off Isolation
-60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 10
Channel to Channel Crosstalk
-60
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 11
-3 dB Bandwidth
10
MHz typ
RL = 50
Ω, C
L = 5 pF, Test Circuit 10
CS (OFF)
13
pF typ
CD (OFF)
ADG726
180
pF typ
f = 1 MHz
ADG732
360
pF typ
f = 1 MHz
CD, CS (ON)
ADG726
200
pF typ
f = 1 MHz
ADG732
400
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +2.75 V
IDD
10
µA typ
Digital Inputs = 0 V or +2.75 V
20
µA max
ISS
10
µA typ
VSS = -2.75 V
20
µA max
Digital Inputs = 0 V or +2.75 V
NOTES
1Temperature range is as follows: B Version: –40°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = +2.5 V ±10%, VSS = -2.5 V ±10%, GND = 0 V, unless otherwise noted)
Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com