Electronic Components Datasheet Search
  English  ▼

X  

ADG726BCP Datasheet(PDF) 12 Page - Analog Devices

Part # ADG726BCP
Description  16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726BCP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG726BCP Datasheet HTML 5Page - Analog Devices ADG726BCP Datasheet HTML 6Page - Analog Devices ADG726BCP Datasheet HTML 7Page - Analog Devices ADG726BCP Datasheet HTML 8Page - Analog Devices ADG726BCP Datasheet HTML 9Page - Analog Devices ADG726BCP Datasheet HTML 10Page - Analog Devices ADG726BCP Datasheet HTML 11Page - Analog Devices ADG726BCP Datasheet HTML 12Page - Analog Devices ADG726BCP Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
–12–
REV. PrD
ADG726/ADG732
PRELIMINARY TECHNICAL DATA
Test Circuit 7. Write Turn-On and Turn Off Time, tON , tOFF
(WR).
Test Circuit 9. Charge Injection.
Test Circuit 10. OFF Isolation and Bandwidth.
Test Circuit 11. Channel-to-Channel Crosstalk.
∆ VOUT
3V
VOUT
LOGIC
INPUT (VIN)
QINJ = CL x ∆ VOUT
0V
A4
VOUT
D
EN
ADG732*
VIN
CL
1nF
S
RS
VS
V
DD
VDD
A0
*SIMILAR CONNECTION FOR ADG726
+2.4V
RS
VSS
VSS
VDD
D
S1
S32
VS
VOUT
50
Ω
NETWORK
ANALYZER
RL
50
Ω
A0
EN**
ADG732*
VDD
A4
*SIMILAR CONNECTION FOR ADG726
** CONNECT TO 2.4V FOR CROSSTALK MEASUREMENTS
OFF ISOLATION = 20LOG10(VOUT/VS)
INSERTION LOSS = 20LOG10
(
VOUT WITH SWITCH
)
VOUT WITHOUT SWITCH
VSS
VSS
GND
CS
WR
CHANNEL TO CHANNEL CROSSTALK=
20LOG10(VOUT/VS)
*SIMILAR CONNECTION FOR ADG726
VDD
D
S2
S32
VS
VOUT
50
Ω
NETWORK
ANALYZER
RL
50
Ω
50
Ω
S1
A0
ADG732*
VDD
A4
VSS
VSS
EN
GND
CS
WR
VOUT
D
VS
A0
WR
ADG732*
S1
S2 THRU S32
VWR
RL
300
Ω
CL
35pF
VDD
VDD
A4
*SIMILAR CONNECTION FOR ADG726
VSS
VSS
VCS
CS
3V
0V
VO
0V
WR
20%
tON (WR)
50%
SWITCH
OUTPUT
tOFF (WR)
80%
EN GND
VOUT
D
VS
A0
ADG732*
S1
S2 THRU S32
RL
300
Ω
CL
35pF
VDD
VDD
A4
*SIMILAR CONNECTION FOR ADG726
VSS
VSS
VEN
EN
3V
0V
VO
0V
EN
tON(EN)
50%
SWITCH
OUTPUT
GND
CS
WR
90%
tOFF(EN)
50%
10%
Test Circuit 8. Enable Delay, tON(EN), tOFF(EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com