Electronic Components Datasheet Search
  English  ▼

X  

ADG726BCP Datasheet(PDF) 13 Page - Analog Devices

Part # ADG726BCP
Description  16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726BCP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG726BCP Datasheet HTML 5Page - Analog Devices ADG726BCP Datasheet HTML 6Page - Analog Devices ADG726BCP Datasheet HTML 7Page - Analog Devices ADG726BCP Datasheet HTML 8Page - Analog Devices ADG726BCP Datasheet HTML 9Page - Analog Devices ADG726BCP Datasheet HTML 10Page - Analog Devices ADG726BCP Datasheet HTML 11Page - Analog Devices ADG726BCP Datasheet HTML 12Page - Analog Devices ADG726BCP Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ADG726/ADG732
–13–
REV. PrD
PRELIMINARY TECHNICAL DATA
48-Lead CSP
(CP-48)
48-Lead TQFP
(SU-48)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
0.276(7.0)
BSC SQ
1
12
BOTTOM
VIEW
0.207 (5.25)
0.201 (5.10) SQ
0.195 (4.95)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.020 (0.50)
0.016 (0.40)
0.012 (0.30)
0.012 (0.30)
0.009 (0.23)
0.007 (0.18)
0.020 (0.50)
BSC
PIN 1
INDICATOR
TOP
VIEW
0.266 (6.75)
BSC SQ
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
13
24
25
36
37
48
12
o
MAX
0.035 (0.90) MAX
0.033 (0.85) NOM
0.008(0.20)
REF
0.028 (0.70) MAX
0.026 (0.65) NOM
0.002 (0.05)
0.0004 (0.01)
0.0 (0.0)
0.217 (5.5)
REF
0.010 (0.25)
MIN
0.354 (9.00) BSC
0.276 (7.0) BSC
1
12
13
25
24
36
37
48
TOP VIEW
(PINS DOWN)
0.011 (0.27)
0.006 (0.17)
0.019 (0.5)
BSC
SEATING
PLANE
0.047 (1.20) MAX
0° MIN
0° – 7°
0.006 (0.15)
0.002 (0.05)
0.041 (1.05)
0.037 (0.95)
0.030 (0.75)
0.018 (0.45)
0.008 (0.20)
0.004 (0.09)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com