Electronic Components Datasheet Search
  English  ▼

X  

ADG731BCP Datasheet(PDF) 1 Page - Analog Devices

Part # ADG731BCP
Description  16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731BCP Datasheet(HTML) 1 Page - Analog Devices

  ADG731BCP Datasheet HTML 1Page - Analog Devices ADG731BCP Datasheet HTML 2Page - Analog Devices ADG731BCP Datasheet HTML 3Page - Analog Devices ADG731BCP Datasheet HTML 4Page - Analog Devices ADG731BCP Datasheet HTML 5Page - Analog Devices ADG731BCP Datasheet HTML 6Page - Analog Devices ADG731BCP Datasheet HTML 7Page - Analog Devices ADG731BCP Datasheet HTML 8Page - Analog Devices ADG731BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ADG725/ADG731
=
REV. PrD May 2002
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
Analog Devices, Inc., 2002
16-/32- Channel, Serially Controlled 4
Ω
Ω
Ω
Ω
Ω
1.8 V to 5.5 V, ±2.5 V, Analog Multiplexers
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
FEATURES
3-Wire SPI Serial Interface
1.8 V to 5.5 V Single Supply
±2.5 V Dual Supply Operation
4
Ω
Ω
Ω
Ω
Ω On Resistance
0.5
Ω
Ω
Ω
Ω
Ω On Resistance Flatness
7mm x 7mm 48 lead Chip Scale Package (CSP)
or 48 lead TQFP package.
Rail to Rail Operation
Power On Reset
Fast Switching Times
Single 32 to 1 Channel Multiplexer
Dual/Differential 16 to 1 Channel Multiplexer
TTL/CMOS Compatible Inputs
For Functionally Equivalent devices with Parallel Interface
See ADG726/ADG732
APPLICATIONS
Optical Applications
Data Acquisition Systems
Communication Systems
Relay replacement
Audio and Video Switching
Battery Powered Systems
Medical Instrumentation
Automatic Test Equipment
GENERAL DESCRIPTION
The ADG725/ADG731 are monolithic CMOS 32
channel/dual 16 channel analog multiplexers with a
serially controlled 3-wire interface. The ADG732 switches
one of thirty-two inputs (S1-S32) to a common output, D.
The ADG725 can be configured as a dual mux switching
one of sixteen inputs to one output or a differential mux
switching one of sixteen inputs to a differential output.
These mulitplexers utilize a 3-wire serial interface that is
compatible with SPI
TM, QSPITM, MICROWIRETM and
some DSP interface standards. On power-up, the internal
shift register contains all zeros and all switch are in the
OFF state.
These multiplexers are designed on an enhanced submi-
cron process that provides low power dissipation yet gives
high switching speed, very low on resistance and leakage
currents. They operate from single supply of 1.8V to 5.5V
and ±2.5 V dual supply, making them ideally suited to a
variety of applications. On resistance is in the region of a
few Ohms and is closely matched between switches and
very flat over the full signal range. These parts can operate
equally well as either Multiplexers or De-Multiplexers
PRODUCT HIGHLIGHTS
1.
3-Wire Serial Interface.
2.
+1.8 V to +5.5 V Single or ±2.5 V Dual Supply
operation. These parts are specified and guaranteed
with +5 V ±10%, +3 V ±10% single supply and
±2.5 V ±10% dual supply rails.
3.
On Resistance of 4
Ω.
4.
Guaranteed Break-Before-Make Switching Action.
5.
7mm x 7mm 48 lead Chip Scale Package (CSP)
or 48 lead TQFP package.
FUNCTIONAL BLOCK DIAGRAMS
S1
S32
SCLK DIN SYNC
D
ADG731
INPUT SHIFT
REGISTER
S1A
DA
S16A
S1B
S16B
DB
ADG725
INPUT SHIFT
REGISTER
SCLK DIN SYNC
and have an input signal range which extends to the sup-
plies. In the OFF condition, signal levels up to the
supplies are blocked. All channels exhibit break before
make switching action preventing momentary shorting
when switching channels.
They are available in either 48 lead CSP or TQFP
package.


Similar Part No. - ADG731BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG731BCP AD-ADG731BCP Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP AD-ADG731BCP Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP-REEL AD-ADG731BCP-REEL Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP-REEL AD-ADG731BCP-REEL Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP-REEL7 AD-ADG731BCP-REEL7 Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results

Similar Description - ADG731BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG726 AD-ADG726 Datasheet
201Kb / 13P
16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG731BSUZ AD-ADG731BSUZ Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_V01 Datasheet
285Kb / 17P
16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com