Electronic Components Datasheet Search
  English  ▼

X  

ADG741 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG741
Description  CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG741 Datasheet(HTML) 6 Page - Analog Devices

  ADG741 Datasheet HTML 1Page - Analog Devices ADG741 Datasheet HTML 2Page - Analog Devices ADG741 Datasheet HTML 3Page - Analog Devices ADG741 Datasheet HTML 4Page - Analog Devices ADG741 Datasheet HTML 5Page - Analog Devices ADG741 Datasheet HTML 6Page - Analog Devices ADG741 Datasheet HTML 7Page - Analog Devices ADG741 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADG741/ADG742
–6–
REV. 0
–Typical Performance Characteristics
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
3.5
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3.0
2.5
2.0
1.5
1.0
0.5
VDD = 2.7V
VDD = 3.0V
VDD = 4.5V
VDD = 5.0V
TA = 25 C
TPC 1. On Resistance as a Function of VD (VS) Single
Supplies
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
3.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.0
2.5
2.0
1.5
1.0
0.5
VDD = 3V
+85 C
+25 C
–40 C
TPC 2. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 3 V
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2.5
2.0
1.5
1.0
0.5
VDD = 5V
+85 C
+25 C
–40 C
3.5
3.0
TPC 3. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 5 V
FREQUENCY – Hz
10m
1
1n
10
10M
10k
100n
10n
10
100
1m
100
1k
100k
1M
VDD = 5V
TPC 4. Supply Current vs. Input Switching Frequency
VDD = 5V, 3V
FREQUENCY – Hz
–10
–50
–110
10M
10k
–60
–70
–40
–30
–20
100k
1M
100M
–100
–90
–80
TPC 5. Off Isolation vs. Frequency
VDD = 3V
FREQUENCY – Hz
0
10M
10k
–4
–2
100k
1M
100M
–6
TPC 6. On Response vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com