Electronic Components Datasheet Search
  English  ▼

X  

ADG741 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG741
Description  CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG741 Datasheet(HTML) 8 Page - Analog Devices

  ADG741 Datasheet HTML 1Page - Analog Devices ADG741 Datasheet HTML 2Page - Analog Devices ADG741 Datasheet HTML 3Page - Analog Devices ADG741 Datasheet HTML 4Page - Analog Devices ADG741 Datasheet HTML 5Page - Analog Devices ADG741 Datasheet HTML 6Page - Analog Devices ADG741 Datasheet HTML 7Page - Analog Devices ADG741 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADG741/ADG742
–8–
REV. 0
APPLICATIONS INFORMATION
The ADG741/ADG742 belongs to Analog Devices’ new fam-
ily of CMOS switches. This series of general-purpose switches
have improved switching times, lower on resistance, higher
bandwidth, low power consumption and low leakage currents.
ADG741/ADG742 Supply Voltages
Functionality of the ADG741/ADG742 extends from 1.8 V to
5.5 V single supply, which makes it ideal for battery-powered
instruments, where important design parameters are power
efficiency and performance.
It is important to note that the supply voltage effects the input
signal range, the on resistance, and the switching times of the
part. By looking at the typical performance characteristics
and the specifications, the effects of the power supplies can
be clearly seen.
For VDD = 1.8 V operation, RON is typically 40
Ω over the tem-
perature range.
On Response vs. Frequency
Figure 1 illustrates the parasitic components that affect the ac
performance of CMOS switches (the switch is shown surrounded
by a box). Additional external capacitances will further degrade
some performance. These capacitances affect feedthrough,
crosstalk and system bandwidth.
S
VIN
D
CDS
RON
CD
CLOAD
RLOAD
VOUT
Figure 1. Switch Represented by Equivalent Parasitic
Components
The transfer function that describes the equivalent diagram of
the switch (Figure 1) is of the form (A)s shown below.
A(s)
= RT
s( RON CDS )
+1
s( RON CT RT )
+1
where:
CT = CLOAD + CD + CDS
RT = RLOAD/(RLOAD + RON)
The signal transfer characteristic is dependent on the switch
channel capacitance, CDS. This capacitance creates a frequency
zero in the numerator of the transfer function A(s). Because the
switch on resistance is small, this zero usually occurs at high
frequencies. The bandwidth is a function of the switch output
capacitance combined with CDS and the load capacitance. The
frequency pole corresponding to these capacitances appears in
the denominator of A(s).
The dominant effect of the output capacitance, CD, causes the
pole breakpoint frequency to occur first. Therefore, in order to
maximize bandwidth a switch must have a low input and output
capacitance and low on resistance. The On Response vs. Fre-
quency plot for the ADG741/ADG742 can be seen in TPC 6.
Off Isolation
Off isolation is a measure of the input signal coupled through an
off switch to the switch output. The capacitance, CDS, couples
the input signal to the output load, when the switch is off, as
shown in Figure 2.
S
VIN
D
CDS
CD
CLOAD
RLOAD
VOUT
Figure 2. Off Isolation Is Affected by External Load Resis-
tance and Capacitance
The larger the value of CDS, larger values of feedthrough will be
produced. The typical performance characteristic graph of TPC 5
illustrates the drop in off-isolation as a function of frequency. From
dc to roughly 1 MHz, the switch shows better than –75 dB isola-
tion. Up to frequencies of 10 MHz, the off isolation remains better
than –55 dB. As the frequency increases, more and more of the
input signal is coupled through to the output. Off-isolation can be
maximized by choosing a switch with the smallest CDS as possible.
The values of load resistance and capacitance affect off isolation
also, as they contribute to the coefficients of the poles and zeros
in the transfer function of the switch when open.
A(s)
=
s(RLOAD CDS )
s(RLOAD )(CT )
+1
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
6-Lead Plastic Surface Mount
(SC70)
0.007 (0.18)
0.004 (0.10)
0.012 (0.30)
0.004 (0.10)
8
0
0.012 (0.30)
0.006 (0.15)
0.004 (0.10)
0.000 (0.00)
0.039 (1.00)
0.031 (0.80)
SEATING
PLANE
0.043 (1.10)
0.031 (0.80)
3
5
4
2
6
1
0.087 (2.20)
0.071 (1.80)
PIN 1
0.094 (2.40)
0.071 (1.80)
0.026 (0.65) BSC
0.053 (1.35)
0.045 (1.15)
0.051 (1.30)
BSC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com