Electronic Components Datasheet Search
  English  ▼

X  

ADG781 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG781
Description  2.5 ohm Quad SPST Switches in Chip Scale Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG781 Datasheet(HTML) 6 Page - Analog Devices

  ADG781 Datasheet HTML 1Page - Analog Devices ADG781 Datasheet HTML 2Page - Analog Devices ADG781 Datasheet HTML 3Page - Analog Devices ADG781 Datasheet HTML 4Page - Analog Devices ADG781 Datasheet HTML 5Page - Analog Devices ADG781 Datasheet HTML 6Page - Analog Devices ADG781 Datasheet HTML 7Page - Analog Devices ADG781 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
ADG781/ADG782/ADG783
–6–
FREQUENCY – Hz
–30
–40
–110
–120
–130
10k
100k
1M
10M
100M
–100
–90
–80
–70
–60
–50
VDD = 5V, 3V
TPC 5. Off Isolation vs. Frequency
FREQUENCY – Hz
–30
–40
–110
–120
–130
10k
100k
1M
10M
VDD = 5V, 3V
100M
–100
–90
–80
–70
–60
–50
TPC 6. Crosstalk vs. Frequency
FREQUENCY – Hz
0
–6
10k
100k
1M
10M
VDD = 5V
100M
–4
–2
TPC 7. On Response vs. Frequency
SOURCE VOLTAGE – V
25
–10
0
0.5
–5
0
20
15
10
5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDD = 5V
VDD = 3V
TA = 25 C
TPC 8. Charge Injection vs. Source Voltage
APPLICATIONS
Figure 1 illustrates a photodetector circuit with programmable
gain. An AD820 is used as the output operational amplifier.
With the resistor values shown in the circuit, and using different
combinations of the switches, gain in the range of 2 to 16 can
be achieved.
5V
2.5V
R3
510k
C1
VOUT
GND
D1
S1
D1
GAIN RANGE 2 TO 16
5V
AD820
S2
D2
S3
D3
S4
D4
(LSB) IN1
IN2
IN3
(MSB) IN4
R4
240k
R5
240k
R6
120k
R7
120k
R8
120k
R9
120k
R10
120k
R1
33k
R2
510k
2.5V
Figure 1. Photodetector Circuit with Programmable Gain



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com