Electronic Components Datasheet Search
  English  ▼

X  

ADG781 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG781
Description  2.5 ohm Quad SPST Switches in Chip Scale Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG781 Datasheet(HTML) 4 Page - Analog Devices

  ADG781 Datasheet HTML 1Page - Analog Devices ADG781 Datasheet HTML 2Page - Analog Devices ADG781 Datasheet HTML 3Page - Analog Devices ADG781 Datasheet HTML 4Page - Analog Devices ADG781 Datasheet HTML 5Page - Analog Devices ADG781 Datasheet HTML 6Page - Analog Devices ADG781 Datasheet HTML 7Page - Analog Devices ADG781 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
ADG781/ADG782/ADG783
–4–
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
Analog, Digital Inputs
2
. . . . . . . . . . –0.3 V to VDD + 0.3 V or
30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . .
150
°C
Chip Scale Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 32°C/W
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG781BCP
–40
°C to +85°C
20-Lead Chip Scale (CSP)
CP-20
ADG782BCP
–40
°C to +85°C
20-Lead Chip Scale (CSP)
CP-20
ADG783BCP
–40
°C to +85°C
20-Lead Chip Scale (CSP)
CP-20
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . 300
°C
IR Reflow (<20 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 235
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S, or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
PIN CONFIGURATION
(CSP)
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
D1
S1
GND
S4
D4
D2
S2
VDD
S3
D3
ADG781/ADG782/
ADG783
1
2
3
4
5
6
78
910
11
12
13
14
15
16
17
18
19
20
NC = NO CONNECT
EXPOSED PAD TIED TO SUBSTRATE, GND
Table I. Truth Table (ADG781/ADG782)
ADG781 In
ADG782 In
Switch Condition
01
ON
1
0
OFF
Table II. Truth Table (ADG783)
Logic
Switch 1, 4
Switch 2, 3
0
OFF
ON
1
ON
OFF
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG781/ADG782/ADG783 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com