Electronic Components Datasheet Search
  English  ▼

X  

ST235RAG Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST235RAG
Description  Chip Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST235RAG Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST235RAG Datasheet HTML 1Page - Coilcraft lnc. ST235RAG Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
ChipInductorsforCriticalApplicationsST235RAG
0402 CHIP INDUCTORS
Document ST526-1 Revised 07/13/12
Core material Ceramic
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 0.7 – 1.0 mg
Ambient temperature –40°C to +125°C with Imax current, +125°C
to +140°C with derated current
Storage temperature Component: –55°C to +140°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 2000 per 7
″ reel Paper tape: 8 mm wide, 0.66 mm thick,
2 mm pocket spacing
■
Higher Q and lower DCR than other 0402 inductors
■
Very high SRF values – as high as 16 GHz
■
Excellent current handling capability – up to 2300 mA
■
39 inductance values from 1.0 to 40 nH
Typical L vs Frequency
Typical Q vs Frequency
Current Derating
A
B
overall
C
D
I
I
J
F
F
G
H
Suggested
Land Pattern
E
terminal
Terminal wraparound:
approx 0.007/0,18 both ends
D
E
F
G
H
I
J
0.010
0.020
0.008
0.024
0.026
0.014
0.020
inches
0,25
0,51
0,20
0,61
0,66
0,36
0,51
mm
Note: Dimensions are before optional solder application. For maximum
overall dimensions including solder, add 0.0025 in / 0,064 mm to
B
and 0.006 in / 0,15 mm to
A and C.
A max
B
C max
0.045
0.020 – 0.028
0.024
inches
1,14
0,51 – 0,71
0,61
mm
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
5.6 nH
39 nH
27 nH
11 nH
2.0 nH
19 nH
0
40
35
25
30
20
15
10
5
45
50
110
100
1000
10000
Frequency (MHz)
0
60
50
40
30
20
10
70
80
90
100
110
120
110
100
1000
10000
Frequency (MHz)
5.6 nH
39 nH
27 nH
11 nH
2.0 nH
19 nH


Similar Part No. - ST235RAG

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
ST235RAA10N_LZ COILCRAFT-ST235RAA10N_LZ Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
ST235RAA11N_LZ COILCRAFT-ST235RAA11N_LZ Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
ST235RAA12N_LZ COILCRAFT-ST235RAA12N_LZ Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
ST235RAA13N_LZ COILCRAFT-ST235RAA13N_LZ Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
More results

Similar Description - ST235RAG

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com