Electronic Components Datasheet Search
  English  ▼

X  

ST235RAG Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ST235RAG
Description  Chip Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST235RAG Datasheet(HTML) 2 Page - Coilcraft lnc.

  ST235RAG Datasheet HTML 1Page - Coilcraft lnc. ST235RAG Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST235RAG Series (0402)
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
0402 CHIP INDUCTORS
Document ST526-2 Revised 07/13/12
Inductance2 Percent
Test freq
Q min at
900 MHz
1.7 GHz
SRF min4 DCR max5 Imax
Part number1
(nH)
tolerance
(MHz)
test freq
L typ Q typ3
L typ Q typ3
(GHz)
(Ohms)
(mA)
ST235RAG1N0JLZ
1.0
5
250
18
0.97
46
0.99
72
>5.00
0.030
700
ST235RAG2N0JLZ
2.0
5
250
21
1.96
58
1.98
85
>5.00
0.038
700
ST235RAG2N2JLZ
2.2
5
250
24
2.17
60
2.17
86
>5.00
0.038
700
ST235RAG2N4_LZ
2.4
5,2
250
26
2.37
60
2.38
83
>5.00
0.042
700
ST235RAG2N7_LZ
2.7
5,2
250
18
2.66
62
2.68
85
>5.00
0.090
510
ST235RAG3N3_LZ
3.3
5,2
250
26
3.26
66
3.28
95
>5.00
0.045
700
ST235RAG3N6_LZ
3.6
5,2
250
31
3.56
65
3.58
94
>5.00
0.045
700
ST235RAG3N9_LZ
3.9
5,2
250
31
3.87
64
3.91
98
>5.00
0.045
700
ST235RAG4N3_LZ
4.3
5,2
250
25
4.26
63
4.33
90
>5.00
0.055
700
ST235RAG4N7_LZ
4.7
5,2
250
24
4.67
58
4.74
83
>5.00
0.085
700
ST235RAG5N1_LZ
5.1
5,2
250
18
5.07
54
5.16
76
>5.00
0.125
510
ST235RAG5N6_LZ
5.6
5,2
250
29
5.56
73
5.66
105
4.70
0.055
700
ST235RAG6N2_LZ
6.2
5,2
250
27
6.18
73
6.25
100
4.20
0.055
700
ST235RAG6N8_LZ
6.8
5,2
250
27
6.78
68
6.97
94
4.00
0.070
700
ST235RAG7N5_LZ
7.5
5,2
250
23
7.49
60
7.77
82
3.80
0.100
690
ST235RAG8N2_LZ
8.2
5,2
250
27
8.10
68
8.40
95
3.80
0.065
700
ST235RAG8N7_LZ
8.7
5,2
250
26
8.73
66
9.04
95
3.40
0.070
700
ST235RAG9N0_LZ
9.0
5,2
250
30
8.99
67
9.21
92
3.60
0.080
700
ST235RAG9N5_LZ
9.5
5,2
250
25
9.52
64
9.97
90
3.40
0.090
700
ST235RAG10N_LZ
10
5,2
250
24
9.98
62
10.4
90
3.20
0.110
700
ST235RAG11N_LZ
11
5,2
250
27
11.0
68
11.6
98
3.20
0.065
700
ST235RAG12N_LZ
12
5,2
250
27
12.0
66
12.6
100
3.00
0.100
700
ST235RAG13N_LZ
13
5,2
250
23
13.1
62
13.9
82
2.95
0.155
600
ST235RAG15N_LZ
15
5,2
250
25
15.1
62
16.0
85
2.70
0.115
700
ST235RAG16N_LZ
16
5,2
250
26
16.2
57
17.3
77
2.55
0.150
580
ST235RAG18N_LZ
18
5,2
250
25
18.2
58
19.5
74
2.40
0.125
650
ST235RAG19N_LZ
19
5,2
250
25
19.2
61
20.7
88
2.20
0.150
600
ST235RAG20N_LZ
20
5,2
250
24
20.3
58
22.0
76
2.15
0.185
520
ST235RAG22N_LZ
22
5,2
250
26
22.3
60
24.4
74
1.80
0.165
570
ST235RAG23N_LZ
23
5,2
250
25
23.3
60
25.5
77
1.75
0.165
520
ST235RAG24N_LZ
24
5,2
250
25
24.5
55
27.1
71
1.75
0.210
480
ST235RAG25N_LZ
25
5,2
250
24
25.5
57
28.3
73
1.75
0.260
440
ST235RAG26N_LZ
26
5,2
250
24
26.6
56
29.3
74
1.75
0.290
440
ST235RAG27N_LZ
27
5,2
250
24
27.3
62
29.5
86
1.75
0.350
340
ST235RAG30N_LZ
30
5,2
250
25
30.8
61
35.0
87
1.75
0.350
340
ST235RAG33N_LZ
33
5,2
250
25
34.0
61
38.3
80
1.65
0.310
340
ST235RAG36N_LZ
36
5,2
250
25
37.1
59
42.2
76
1.65
0.390
320
ST235RAG39N_LZ
39
5,2
250
25
40.5
56
47.0
84
1.65
0.420
320
ST235RAG40N_LZ
40
5,2
250
24
41.3
56
47.4
75
1.65
0.420
320
1. When ordering, specify
tolerance, termination and testing codes:
ST235RAGR10GLZ
Tolerance: G = 2% J = 5%
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) over silver-
palladium-platinum-glass frit
S = non-RoHS tin-lead (63/37) over silver-palladium-
platinum-glass frit.
R = Tin over nickel over silver-platinum-glass frit.
Q = RoHS tin-silver-copper (95.5/4/0.5) over tin over
nickel over silver-platinum-glass frit.
P = non-RoHS tin-lead (63/37) over tin over nickel over
silver-platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured at 250 MHz using a Coilcraft SMD-F fixture in
an Agilent/HP 4286A impedance analyzer or equivalent with Coilcraft-
provided correlation pieces.
3. Q measured using an Agilent/HP 4291A with an Agilent/HP 16197 test
fixture or equivalents.
4. SRF measured using an Agilent/HP 8753ES network analyzer or
equivalent and a Coilcraft CCF1232 test fixture.
5. DCR measured on a Keithley 580 micro-ohmmeter and a Coilcraft
CCF1192 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com