Electronic Components Datasheet Search
  English  ▼

X  

ST413RAA Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST413RAA
Description  Chip Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST413RAA Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST413RAA Datasheet HTML 1Page - Coilcraft lnc. ST413RAA Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ChipInductors for Critical Applications ST413RAA
1008 CHIP INDUCTORS
10
100
Frequency (MHz)
1000
10000
100
100
120
90
70
80
60
50
40
30
20
10
0
47 nH
12 nH
330 nH
750 nH
1800 nH
100 nH
Typical Q vs Frequency
Typical L vs Frequency
A max B max C max D ref
E
F
G
H
I
J
0.115
0.110
0.080 0.020 0.080 0.020
0.060 0.100 0.040 0.050
2,92
2,79
2,03
0,51
2,03
0,51
1,52
2,54
1,02
1,27
• HighSRFandexcellentQvalues
• Tighttolerances,manyvaluesat1%
• 28inductancevaluesfrom10nHto1µH
Core material Ceramic
Terminations Silver-palladium-platinum-glassfrit
Ambient temperature –40°Cto+125°CwithImaxcurrent,+125°C
to+140°Cwithderatedcurrent
Storage temperature Component:–55°Cto+140°C.
Tapeandreelpackaging:–55°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +25to+155ppm/°C
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Enhanced crush-resistant packaging 2000per7
″reel
Plastictape: 8mmwide,0.3mmthick,4mmpocketspacing,
2.0mmpocketdepth
Current Derating
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
I
I
Suggested
Land Pattern
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Note: Dimensionsarebeforeoptionalsolderapplication.Formaximum
overalldimensionsincludingsolder,add0.0025in/0,064mmto
B
and0.006in/0,15mmto
AandC.
DocumentST101-1 Revised11/06/12


Similar Part No. - ST413RAA

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST413RAB COILCRAFT-ST413RAB Datasheet
190Kb / 2P
Chip Inductors for Critical Applications
ST413RAB102XJLZ COILCRAFT-ST413RAB102XJLZ Datasheet
190Kb / 2P
Chip Inductors for Critical Applications
ST413RAB103XJLZ COILCRAFT-ST413RAB103XJLZ Datasheet
190Kb / 2P
Chip Inductors for Critical Applications
ST413RAB104XJLZ COILCRAFT-ST413RAB104XJLZ Datasheet
190Kb / 2P
Chip Inductors for Critical Applications
ST413RAB122XJLZ COILCRAFT-ST413RAB122XJLZ Datasheet
190Kb / 2P
Chip Inductors for Critical Applications
More results

Similar Description - ST413RAA

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
Chip Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com