Electronic Components Datasheet Search
  English  ▼

X  

ST413RAA Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ST413RAA
Description  Chip Inductors for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST413RAA Datasheet(HTML) 2 Page - Coilcraft lnc.

  ST413RAA Datasheet HTML 1Page - Coilcraft lnc. ST413RAA Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST413RAA Series (1008)
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1008 CHIP INDUCTORS
DocumentST101-2 Revised11/06/12
Inductance2
Percent
SRF min4
DCR max5
Imax
Color
Part number1
(nH)
tolerance
Q min3
(MHz)
(Ohms)
(mA)
code6
ST413RAA100_LZ
10@50MHz
5,2
44@500MHz
3060
0.08
900
Black
ST413RAA120_LZ
12@50MHz
5,2
45@500MHz
2680
0.09
900
Red
ST413RAA150_LZ
15@50MHz
5,2
50@500MHz
2220
0.10
850
Orange
ST413RAA180_LZ
18@50MHz
5,2,1
50@350MHz
2200
0.11
900
Yellow
ST413RAA220_LZ
22@50MHz
5,2,1
55@350MHz
2100
0.12
900
Blue
ST413RAA270_LZ
27@50MHz
5,2,1
55@350MHz
1380
0.13
900
Black
ST413RAA330_LZ
33@50MHz
5,2,1
60@350MHz
1600
0.14
850
Orange
ST413RAA390_LZ
39@50MHz
5,2,1
60@350MHz
1420
0.15
850
Violet
ST413RAA470_LZ
47@50MHz
5,2,1
65@350MHz
1420
0.16
820
Red
ST413RAA560_LZ
56@50MHz
5,2,1
60@350MHz
1140
0.18
780
Yellow
ST413RAA680_LZ
68@50MHz
5,2,1
46@100MHz
1140
0.20
710
Gray
ST413RAA820_LZ
82@50MHz
5,2,1
48@100MHz
940
0.22
710
Red
ST413RAA101_LZ
100@25MHz
5,2,1
37@100MHz
900
0.56
440
Violet
ST413RAA121_LZ
120@25MHz
5,2,1
40@100MHz
840
0.63
410
White
ST413RAA151_LZ
150@25MHz
5,2,1
40@100MHz
740
0.70
400
Red
ST413RAA181_LZ
180@25MHz
5,2,1
38@100MHz
680
0.77
390
Orange
ST413RAA221_LZ
220@25MHz
5,2,1
40@100MHz
580
0.84
370
Green
ST413RAA271_LZ
270@25MHz
5,2,1
45@100MHz
540
0.91
330
White
ST413RAA331_LZ
330@25MHz
5,2,1
45@100MHz
500
1.05
330
Orange
ST413RAA391_LZ
390@25MHz
5,2,1
45@100MHz
480
1.12
310
Blue
ST413RAA471_LZ
470@25MHz
5,2,1
45@100MHz
400
1.19
280
Black
ST413RAA561_LZ
560@25MHz
5,2,1
40@100MHz
360
1.33
280
Green
ST413RAA621_LZ
620@25MHz
5,2,1
45@100MHz
360
1.40
270
Blue
ST413RAA681_LZ
680@25MHz
5,2,1
45@100MHz
345
1.47
270
Gray
ST413RAA751_LZ
750@25MHz
5,2,1
45@100MHz
335
1.54
270
Black
ST413RAA821_LZ
820@25MHz
5,2,1
45@100MHz
310
1.61
250
Brown
ST413RAA911_LZ
910@25MHz
5,2,1
35@50MHz
280
1.68
250
Red
ST413RAA102_LZ
1000@25MHz
5,2,1
34@50MHz
280
1.75
230
Yellow
1. Whenordering,specify
tolerance, termination andtesting codes:
ST413RAA102GLZ
Tolerance: F =1% G =2% J =5%
Termination: L =RoHScompliantsilver-palladium-platinumglassfrit.
Special order:
S =Tin-lead(63/37)oversilver-platinum-glassfrit.
T=Tin-silver-copper(95.5/4/0.5)oversilver-platinum-glassfrit.
P=Tin-lead(63/37)overtinovernickeloversilver-platinum-glassfrit.
Q=Tin-silver-copper(95.5/4/0.5)overtinovernickeloversilver-platinum-glassfrit.
Testing:
Z=COTS
H=ScreeningperCoilcraftCP-SA-10001
2.InductancemeasuredusingaCoilcraftSMD-AfixtureinanAgilent/HP4286AimpedanceanalyzerorequivalentwithCoilcraft-providedcorrelation
pieces.
3. QmeasuredusinganAgilent/HP4291AwithanAgilentHP16197Atestfixtureorequivalents.
4. SRFmeasuredusinganAglilent/HP8753ESnetworkanalyzerorequivalentandaCoilcraftCCF1297testfixture.
5. DCRmeasuredonaKeithley580micro-ohmmeterorequivalentandaCoilcraftCCF858testfixture.
6. Currentproductionpartsaremarkedwithonedot.Priorproductionpartsweremarkedwiththreedots.Partmarkingdoesnotindicatepolarity
7. Electricalspecificationsat25°C.
RefertoDoc362“SolderingSurfaceMountComponents”beforesoldering.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com