Electronic Components Datasheet Search
  English  ▼

X  

ADM1486 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1486
Description  5 V Low Power RS-485 PROFIBUS Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486 Datasheet(HTML) 2 Page - Analog Devices

  ADM1486 Datasheet HTML 1Page - Analog Devices ADM1486 Datasheet HTML 2Page - Analog Devices ADM1486 Datasheet HTML 3Page - Analog Devices ADM1486 Datasheet HTML 4Page - Analog Devices ADM1486 Datasheet HTML 5Page - Analog Devices ADM1486 Datasheet HTML 6Page - Analog Devices ADM1486 Datasheet HTML 7Page - Analog Devices ADM1486 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
ADM1486–SPECIFICATIONS (V
CC = +5 V ± 5%. All specifications TMIN to TMAX unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Output Voltage, VOD
5.0
V
R = Infinity, Figure 1
2.0
5.0
V
VCC = 5 V, R = 50
(RS-422), Figure 1
2.1
5.0
V
R = 27
(RS-485), Figure 1
V OD3
2.1
5.0
V
VTST = –7 V to +12 V, Figure 2
|VOD| for Complementary Output States
0.2
V
R = 27
or 50
, Figure 1
Common-Mode Output Voltage VOC
3
V
R = 27
or 50
, Figure 1
|VOD| for Complementary Output States
0.2
V
R = 27
or 50
Output Short Circuit Current(VOUT=High) 60
150
m A
–7 V
VO
+12 V
Output Short Circuit Current(VOUT=Low) 60
150
m A
–7 V
VO
+12 V
CMOS Input Logic Threshold Low, VINL
0.8
V
CMOS Input Logic Threshold High, VINH 2.0
V
Logic Input Current (DE, DI)
±1.0
µ A
RECEIVER
Differential Input Threshold Voltage, VTH –0.2
+0.2
V
–7 V
VCM
+12 V
Input Voltage Hysteresis,
VTH
70
m V
VCM = 0 V
Input Resistance
20
k
–7 V
VCM
+12 V
Input Current (A, B)
+ 1
m A
VIN = 12 V
–0.8
m A
VIN = –7 V
Logic Enable Input Current (
RE)± 1
µ A
CMOS Output Voltage Low, VOL
0.4
V
IOUT = +4.0 mA
CMOS Output Voltage High, VOH
4.0
V
IOUT = –4.0 mA
Short Circuit Output Current
7
85
m A
VOUT = GND or VCC
Tristate Output Leakage Current
±1.0
µ A
0.4 V
VOUT
+2.4 V
POWER SUPPLY CURRENT
ICC (Outputs Enabled)
1.2
2.0
m A
Outputs Unloaded, Digital Inputs = GND or VCC
ICC (Outputs Disabled)
0.9
1.5
m A
Outputs Unloaded, Digital Inputs = GND or VCC
Specifications subject to change without notice.
TIMING SPECIFICATIONS (V
CC = +5 V ± 5%. All specifications TMIN to TMAX unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Propagation Delay Input to Output TPLH, TPHL
48
15
ns
RL Diff = 54
CL1 = CL2 = 100 pF, Figure 3
Driver O/P to O/P TSKEW
02
ns
RL Diff = 54
CL1 = CL2 = 100 pF, Figure 3
Driver Rise/Fall Time TR, TF
510
ns
RL Diff = 54
CL1 = CL2 = 100 pF, Figure 3
Driver Enable to Output Valid
8
15
ns
Driver Disable Timing
8
15
ns
RECEIVER
Propagation Delay Input to Output TPLH, TPHL
812
20
ns
CL = 15 pF, Figure 5
Skew |TPLH–TPHL|0
2
ns
Receiver Enable TEN1
5
10
ns
Figure 6
Receiver Disable TEN2
5
10
ns
Figure 6
Specifications subject to change without notice.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com