Electronic Components Datasheet Search
  English  ▼

X  

ADM1486 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1486
Description  5 V Low Power RS-485 PROFIBUS Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486 Datasheet(HTML) 3 Page - Analog Devices

  ADM1486 Datasheet HTML 1Page - Analog Devices ADM1486 Datasheet HTML 2Page - Analog Devices ADM1486 Datasheet HTML 3Page - Analog Devices ADM1486 Datasheet HTML 4Page - Analog Devices ADM1486 Datasheet HTML 5Page - Analog Devices ADM1486 Datasheet HTML 6Page - Analog Devices ADM1486 Datasheet HTML 7Page - Analog Devices ADM1486 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADM1486
REV. PrB
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V
readily accumulate on the human body and test equipment and can discharge without
detection. Although the ADM1486 features proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high-energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Inputs
Driver Input (DI) . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Control Inputs (DE, RE) . . . . . . –0.3 V to VCC + 0.3 V
Receiver Inputs (A, B) . . . . . . . . . . . . . . –9 V to +14 V
Outputs
Driver Outputs . . . . . . . . . . . . . . . . . . . . –9 V to +14 V
Receiver Output . . . . . . . . . . . . . –0.5 V to VCC + 0.5 V
Power Dissipation 8-Lead DIP . . . . . . . . . . . . . . 500 mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . +130°C/W
Power Dissipation 8-Lead SOIC . . . . . . . . . . . . 450 mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . +170°C/W
Power Dissipation 8-Lead Cerdip . . . . . . . . . . . . 500 mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . +125°C/W
Power Dissipation 8-Lead µSOIC . . . . . . . . . . . . . .
mW
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . + ° C / W
Operating Temperature Range
Commercial (J Version) . . . . . . . . . . . . . . 0°C to +70°C
Industrial (A Version) . . . . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . –65°C to +150°C
Lead Temperature (Soldering, 10 sec)
. . . . . . . . +300°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum ratings for extended
periods of time may affect device reliability.
Table I. Transmitting
INPUTS
OUTPUTS
RE
RE
RE
RE
RE
DE
DI
B
A
X
1101
X
1010
X0
XZ
Z
Table II. Receiving
INPUTS
OUTPUT
RE
RE
RE
RE
RE
DE
A-B
RO
00
+0.2 V
1
00
–0.2 V
0
0
0
Inputs Open
1
10
X
Z
PIN FUNCTION DESCRIPTION
Pin Mnemonic
Function
1
R O
Receiver Output. When enabled if A >B
by 200 mV, then RO = High. If A < B
by 200 mV, then RO = Low.
2
RE
Receiver Output Enable. A low level
enables the receiver output, RO. A high
level places it in a high impedance state.
3
D E
Driver Output Enable. A high level
enables the driver differential outputs, A
and B. A low level places it in a high
impedance state.
4
D I
Driver Input. When the driver is en-
abled a logic Low on DI forces A low
and B high while a logic High on DI
forces A high and B low.
5
G N D
Ground Connection, 0 V.
6
A
Noninverting Receiver Input A/Driver
Output
A.
7
B
Inverting Receiver Input B/Driver
Output B.
8VCC
Power Supply, 5 V ± 5%.
PIN CONFIGURATION
ORDERING GUIDE
Temperature
Package
Model
Range
Option
ADM1486JN
0°C to +70°C
N - 8
ADM1486JR
0°C to +70°C
SO-8
ADM1486AN
–40°C to +85°C
N - 8
ADM1486AR
–40°C to +85°C
SO-8
ADM1486ARM
-40°C to +85°C
RM-8
ADM1486AQ
–40°C to +85°C
Q - 8
1
2
3
45
6
7
8
AD M 1 486
TO P VIE W
(N o t to scale)
RO
RE
DE
DI
GN D
A
B
V CC
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com