Electronic Components Datasheet Search
  English  ▼

X  

ADM202 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM202
Description  High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202 Datasheet(HTML) 5 Page - Analog Devices

  ADM202 Datasheet HTML 1Page - Analog Devices ADM202 Datasheet HTML 2Page - Analog Devices ADM202 Datasheet HTML 3Page - Analog Devices ADM202 Datasheet HTML 4Page - Analog Devices ADM202 Datasheet HTML 5Page - Analog Devices ADM202 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Performance Characteristics–ADM202/ADM203
REV. 0
–5–
10
0
40
2
0
6
4
8
30
20
10
I
OUT
– mA
V
CC
= 5V
V+
V–
Figure 4. Charge Pump V+, V– vs. Current
30
0
3k
5
0
15
10
20
25
2.5k
2k
1.5k
1k
500
V
CC
= 5V
R
L
= 3k
f = 10kHz
CAPACITIVE LOAD – pF
LOW TO HIGH SLEW RATE
HIGH TO LOW SLEW RATE
Ω
Figure 5. Transmitter Slew Rate vs. Load Capacitance
10
90
100
0%
5V
3.6 V
A1
5v
5µs
Figure 6. Transmitter Fully Loaded Slew Rate
8
3
6
6
4
5
3
7
5
4
V
CC
– V
V
OUT
(1 O/P LOADED)
V
OUT
(ALL O/Ps LOADED)
Figure 7. Transmitter Output Voltage vs. VCC
12
0
10
2
0
6
4
8
10
8
6
4
2
V
CC
= 5V
I
OUT
– mA
T
OUT
HIGH
T
OUT
LOW
Figure 8. Transmitter Output Voltage vs. Current
10
90
100
0%
5V
3.6 V
A1
5v
1µs
Figure 9. Transmitter Unloaded Slew Rate



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com