Electronic Components Datasheet Search
  English  ▼

X  

ADM202 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM202
Description  High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202 Datasheet(HTML) 3 Page - Analog Devices

  ADM202 Datasheet HTML 1Page - Analog Devices ADM202 Datasheet HTML 2Page - Analog Devices ADM202 Datasheet HTML 3Page - Analog Devices ADM202 Datasheet HTML 4Page - Analog Devices ADM202 Datasheet HTML 5Page - Analog Devices ADM202 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ADM202/ADM203
REV. 0
–3–
PIN CONFIGURATIONS
DIP/SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
(Not to Scale)
ADM202
T1IN
R1IN
T1OUT
R1OUT
V+
VCC
GND
T2IN
R2IN
T2OUT
R2OUT
V–
C1+
C1–
C2–
C2+
DIP
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Top View
(Not to Scale)
ADM203
R1IN
T2IN
R2IN
T1OUT
T2OUT
R1OUT
V+
V–
VCC
C1+
C2–
C2+
C1–
GND
GND
C2+
C2–
R2OUT
V–
T1IN
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
6.3V
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
0.1µF
16V
+5V INPUT
VCC
V+
V–
C1+
C1–
C2+
C2–
ADM202
6
GND
15
4
5
3
1
2
T1IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1OUT
T2IN
R1OUT
R2OUT
T2OUT
R1IN
R2IN
R1
R2
T2
T1
TTL/CMOS
OUTPUTS
RS-232
INPUTS
**
13
10
7
11
8
14
9
12
16
*INTERNAL 400kΩ PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT
+5V INPUT
VCC
V+
V–
C1+
C1–
C2+
C2–
GND
ADM203
7
T1IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1OUT
T2IN
R1OUT
R2OUT
T2OUT
R1IN
R2IN
R1
R2
T2
T1
TTL/CMOS
OUTPUTS
RS-232
INPUTS
**
4
1
18
2
19
5
20
3
8
13
12
17
14
11
15
10
16
V–
C2–
C2+
9
6
GND
DO NOT MAKE
CONNECTIONS TO
THESE PINS
INTERNAL
–10V POWER
SUPPLY
INTERNAL
+10V POWER
SUPPLY
Figure 1. Typical Operating Circuits
PIN FUNCTION DESCRIPTION
Mnemonic
Function
VCC
Power Supply Input 5 V
± 10%.
V+
Internally Generated Positive Supply (+10 V nominal).
V–
Internally Generated Negative Supply (–10 V nominal).
GND
Ground Pin. Must be connected to 0 V.
C1+
ADM202 External Capacitor, (+ terminal) is connected to this pin.
ADM203: The capacitor is connected internally and no external capacitor is required.
C1–
ADM202 External Capacitor, (– terminal) is connected to this pin.
ADM203: The capacitor is connected internally and no external capacitor is required.
C2+
ADM202 External Capacitor, (+ terminal) is connected to this pin.
ADM203: The capacitor is connected internally and no external capacitor is required.
C2–
ADM202 External Capacitor, (– terminal) is connected to this pin.
ADM203: The capacitor is connected internally and no external capacitor is required.
TIN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels. An internal 400 k
Ω pull-up resistor to V
CC is
connected on each input.
TOUT
Transmitter (Driver) Outputs. These are RS-232 levels (typically
±10 V).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com