Electronic Components Datasheet Search
  English  ▼

X  

P605 Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # P605
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

P605 Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

  P605 Datasheet HTML 1Page - Alpha & Omega Semiconductors P605 Datasheet HTML 2Page - Alpha & Omega Semiconductors P605 Datasheet HTML 3Page - Alpha & Omega Semiconductors P605 Datasheet HTML 4Page - Alpha & Omega Semiconductors P605 Datasheet HTML 5Page - Alpha & Omega Semiconductors P605 Datasheet HTML 6Page - Alpha & Omega Semiconductors P605 Datasheet HTML 7Page - Alpha & Omega Semiconductors P605 Datasheet HTML 8Page - Alpha & Omega Semiconductors P605 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AOP605
VDC
Ig
Vds
DUT
VDC
Vgs
Vgs
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & W aveform
-10V
Ig
V g s
-
+
V D C
D U T
L
V g s
Is d
D io d e R e c o v e ry T e s t C irc u it & W a v e fo rm s
V d s -
V d s +
d I/d t
R M
r r
V d d
V d d
Q
= -
Id t
t
rr
-Is d
-V d s
F
-I
-I
V D C
D U T
V dd
V gs
V ds
V gs
R L
R g
R e sistive S w itch in g T e st C ircuit & W a ve fo rm s
V gs
V ds
t
t
t
t
t
t
90%
10%
r
on
d(o ff)
f
o ff
d(on )
Alpha Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com