Electronic Components Datasheet Search
  English  ▼

X  

ADM1486ARM Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1486ARM
Description  5 V Low Power RS-485 PROFIBUS Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486ARM Datasheet(HTML) 5 Page - Analog Devices

  ADM1486ARM Datasheet HTML 1Page - Analog Devices ADM1486ARM Datasheet HTML 2Page - Analog Devices ADM1486ARM Datasheet HTML 3Page - Analog Devices ADM1486ARM Datasheet HTML 4Page - Analog Devices ADM1486ARM Datasheet HTML 5Page - Analog Devices ADM1486ARM Datasheet HTML 6Page - Analog Devices ADM1486ARM Datasheet HTML 7Page - Analog Devices ADM1486ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADM1486
REV. PrB
– 5 –
Figure 11. Typical RS-485 Network
RT
RT
D
R
DD
RR
D
R
Table III. Comparison of RS-422 and RS-485 Interface Standards
Specification
RS-422
RS-485
PROFIBUS
Transmission Type
Differential
Differential
Differential
Maximum Cable Length
4000 ft.
4000 ft.
-
Minimum Driver Output Voltage ±2 V
±1.5 V
±2.1 V
Driver Load Impedance
100
54
54
Receiver Input Resistance
4 k
min
12 k
min
200 k
min
Receiver Input Sensitivity
±200 mV
±200 mV
±200 mV
Receiver Input Voltage Range
–7 V to +7 V
–7 V to +12 V
–7 V to +12 V
No of Drivers/Receivers Per Line 1/10
32/32
50/50
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com