Electronic Components Datasheet Search
  English  ▼

X  

ADM1486ARM Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1486ARM
Description  5 V Low Power RS-485 PROFIBUS Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486ARM Datasheet(HTML) 8 Page - Analog Devices

  ADM1486ARM Datasheet HTML 1Page - Analog Devices ADM1486ARM Datasheet HTML 2Page - Analog Devices ADM1486ARM Datasheet HTML 3Page - Analog Devices ADM1486ARM Datasheet HTML 4Page - Analog Devices ADM1486ARM Datasheet HTML 5Page - Analog Devices ADM1486ARM Datasheet HTML 6Page - Analog Devices ADM1486ARM Datasheet HTML 7Page - Analog Devices ADM1486ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADM1486
REV. PrB
– 8 –
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
0.009 (0.23)
0.005 (0.13)
0.028 (0.70)
0.016 (0.40)
6
0
0.037 (0.95)
0.030 (0.75)
85
4
1
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
0.193
(4.90)
BSC
SEATING
PLANE
0.016 (0.40)
0.010 (0.25)
0.043
(1.10)
MAX
0.122 (3.10)
0.114 (2.90)
0.006 (0.15)
0.002 (0.05)
8-Lead µSOIC (RM-8)
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com