Electronic Components Datasheet Search
  English  ▼

X  

ADM236L Datasheet(PDF) 14 Page - Analog Devices

Part # ADM236L
Description  5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM236L Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM236L Datasheet HTML 8Page - Analog Devices ADM236L Datasheet HTML 9Page - Analog Devices ADM236L Datasheet HTML 10Page - Analog Devices ADM236L Datasheet HTML 11Page - Analog Devices ADM236L Datasheet HTML 12Page - Analog Devices ADM236L Datasheet HTML 13Page - Analog Devices ADM236L Datasheet HTML 14Page - Analog Devices ADM236L Datasheet HTML 15Page - Analog Devices ADM236L Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADM223/ADM230L–ADM241L
–14–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Lead Plastic DIP (N-14)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
0.210
(5.33)
0.200 (5.05)
0.125 (3.18)
0.795 (20.19)
0.725 (18.42)
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
PIN 1
0.280 (7.11)
0.240 (6.10)
7
8
14
1
16-Lead Plastic DIP (N-16)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
PIN 1
0.280 (7.11)
0.240 (6.10)
9
16
1
8
0.840 (21.33)
0.745 (18.93)
0.210
(5.33)
0.200 (5.05)
0.125 (3.18)
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
0.070 (1.77)
0.045 (1.15)
16-Lead SOIC (R-16)
PIN 1
0.299 (7.60)
0.291 (7.40)
0.419 (10.65)
0.404 (10.26)
1
16
9
8
0.018 (0.46)
0.014 (0.36)
0.050 (1.27)
BSC
0.107 (2.72)
0.089 (2.26)
0.413 (10.50)
0.348 (10.10)
0.010 (0.25)
0.004 (0.10)
0.015 (0.38)
0.007 (1.18)
0.045 (1.15)
0.020 (0.50)
0.364 (9.246)
0.344 (8.738)
14-Lead Cerdip (Q-14)
0.300 (7.62)
REF
0.012 (0.305)
0.008 (0.203)
15
°
0
°
PIN 1
0.271 (6.89)
0.240 (6.09)
7
8
1
14
0.780 (19.81)
0.02 (0.5)
0.016 (0.406)
0.06 (1.52)
0.05 (1.27)
0.125
(3.17)
MIN
0.11 (2.79)
0.099 (2.28)
SEATING
PLANE
0.163 (4.14)
0.133 (3.378)
0.21 (5.33)
0.15 (3.81)
16-Lead Cerdip (Q-16)
15
°
0
°
0.300 (7.62)
REF
0.012 (0.305)
0.008 (0.203)
PIN 1
1
8
9
16
0.271 (6.89)
0.240 (6.09)
0.780 (19.81)
0.02 (0.5)
0.016 (0.406)
0.06 (1.52)
0.05 (1.27)
0.125
(3.17)
MIN
0.11 (2.79)
0.099 (2.28)
SEATING
PLANE
0.163 (4.14)
0.133 (3.378)
0.21 (5.33)
0.15 (3.81)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com