Electronic Components Datasheet Search
  English  ▼

X  

ADM236L Datasheet(PDF) 16 Page - Analog Devices

Part # ADM236L
Description  5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM236L Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM236L Datasheet HTML 8Page - Analog Devices ADM236L Datasheet HTML 9Page - Analog Devices ADM236L Datasheet HTML 10Page - Analog Devices ADM236L Datasheet HTML 11Page - Analog Devices ADM236L Datasheet HTML 12Page - Analog Devices ADM236L Datasheet HTML 13Page - Analog Devices ADM236L Datasheet HTML 14Page - Analog Devices ADM236L Datasheet HTML 15Page - Analog Devices ADM236L Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
24-Lead Cerdip (Q-24)
PIN 1
1
24
12
13
1
0.295 (7.493)
MAX
SEATING
PLANE
0.225
(5.715)
MAX
0.125
(3.175)
MIN
0.070 (1.778)
0.020 (0.508)
0.180
(4.572)
MAX
1.290 (32.77) MAX
0.021 (0.533)
0.015 (0.381)
TYP
0.065 (1.651)
0.055 (1.397)
TYP
0.110 (2.794)
0.090 (2.286)
TYP
0.320 (8.128)
0.290 (7.366)
15
°
0
°
0.012 (0.305)
0.008 (0.203)
TYP
1. LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH.
2. CERDIP LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
24-Lead SOIC (R-24)
0.013 (0.32)
0.009 (0.23)
0.042 (1.067)
0.018 (0.447)
6
°
0
°
0.03 (0.76)
0.02 (0.51)
PIN 1
0.299 (7.6)
0.291 (7.39)
0.414 (10.52)
0.398 (10.10)
13
12
1
24
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. SOIC LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS
0.019 (0.49)
0.014 (0.35)
0.05 (1.27)
BSC
0.096 (2.44)
0.089 (2.26)
0.608 (15.45)
0.596 (15.13)
0.01 (0.254)
0.006 (0.15)
28-Lead SOIC (R-28)
0.019 (0.49)
0.014 (0.35)
0.05 (1.27)
BSC
0.708 (18.02)
0.696 (17.67)
0.01 (0.254)
0.006 (0.15)
0.096 (2.44)
0.089 (2.26)
0.013 (0.32)
0.009 (0.23)
0.042 (1.067)
0.018 (0.457)
6
°
0
°
0.03 (0.76)
0.02 (0.51)
PIN 1
0.299 (7.6)
0.291 (7.39)
0.414 (10.52)
0.398 (10.10)
15
14
1
28
1. LEAD NO. IDENTIFIED BY A DOT.
2. SOICLEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
28-Lead SSOP (RS-28)
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS
0.009 (0.229)
0.005 (0.127)
0.037 (0.94)
0.022 (0.559)
8
°
0
°
0.0256 (0.65)
BSC
0.407 (10.34)
0.397 (10.08)
0.008 (0.203)
0.002 (0.050)
0.07 (1.78)
0.066 (1.67)
PIN 1
15
14
1
28
0.311 (7.9)
0.301 (7.64)
0.212 (5.38)
0.205 (5.207)
–16–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com