Electronic Components Datasheet Search
  English  ▼

X  

AOW482 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOW482
Description  80V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW482 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOW482 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AOW482
80V N-Channel MOSFET
SDMOS
TM
General Description
Product Summary
VDS
ID (at VGS=10V)
105A
RDS(ON) (at VGS=10V)
< 7.2m
Ω
RDS(ON) (at VGS = 7V)
< 9m
Ω
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
330
Pulsed Drain Current
C
Continuous Drain
Current
G
Parameter
Typ
Max
TC=25°C
2.1
167
TC=100°C
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
11
47
15
V
±25
Gate-Source Voltage
Drain-Source Voltage
80
The AOW482 is fabricated with SDMOS
TM trench
technology that combines excellent RDS(ON) with low gate
charge and low Qrr.The result is outstanding efficiency
with controlled switching behavior. This universal
technology is well suited for PWM, load switching and
general purpose applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
80V
Avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
9
Continuous Drain
Current
336
11
A
82
A
TA=25°C
IDSM
A
TA=70°C
ID
105
82
TC=25°C
TC=100°C
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
333
1.3
TA=25°C
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.36
60
0.45
G
D
S
Top View
TO-262
Bottom View
G
D
S
G
D
S
Rev0: June 2010
www.aosmd.com
Page 1 of 7


Similar Part No. - AOW482

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW482 ISC-AOW482 Datasheet
342Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOW482

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
80V N-Channel MOSFET
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
80V N-Channel MOSFET
FQPF17N08 FAIRCHILD-FQPF17N08 Datasheet
600Kb / 8P
80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com