Electronic Components Datasheet Search
  English  ▼

X  

AOW482 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOW482
Description  80V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW482 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOW482 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOW482 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AOW482
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
40
80
120
160
200
240
0
5
10
15
20
25
30
IS (A)
Figure 17: Diode Reverse Recovery Charge and Peak
Current vs. Conduction Current
0
5
10
15
20
25
30
35
40
45
50
di/dt=800A/
µs
125ºC
125ºC
25ºC
25ºC
Qrr
Irm
0
50
100
150
200
250
0
200
400
600
800
1000
di/dt (A/
µµµµs)
Figure 19: Diode Reverse Recovery Charge and
Peak Current vs. di/dt
0
10
20
30
40
50
125ºC
125ºC
25ºC
25ºC
Is=20A
Qrr
Irm
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
IS (A)
Figure 18: Diode Reverse Recovery Time and
Softness Factor vs. Conduction Current
0
0.5
1
1.5
2
2.5
3
di/dt=800A/
µs
125ºC
25ºC
25ºC
125º
trr
S
0
10
20
30
40
50
0
200
400
600
800
1000
di/dt (A/
µµµµs)
Figure 20: Diode Reverse Recovery Time and
Softness Factor vs. di/dt
0
0.5
1
1.5
2
2.5
125ºC
125ºC
25ºC
25ºC
Is=20A
trr
S
Rev0: June 2010
www.aosmd.com
Page 6 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com