Electronic Components Datasheet Search
  English  ▼

X  

ADM9264 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM9264
Description  Quad Power Supply Monitor for Desktop PCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9264 Datasheet(HTML) 4 Page - Analog Devices

  ADM9264 Datasheet HTML 1Page - Analog Devices ADM9264 Datasheet HTML 2Page - Analog Devices ADM9264 Datasheet HTML 3Page - Analog Devices ADM9264 Datasheet HTML 4Page - Analog Devices ADM9264 Datasheet HTML 5Page - Analog Devices ADM9264 Datasheet HTML 6Page - Analog Devices ADM9264 Datasheet HTML 7Page - Analog Devices ADM9264 Datasheet HTML 8Page - Analog Devices ADM9264 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM9264
–4–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
GND
Ground.
2
SU1
Supply to Be Monitored. 12 V
± 6%.
3
SU2
Supply to Be Monitored. 5 V
± 7%.
4
SU3
Supply to Be Monitored. 3.3 V
± 7%.
5
SU4
Supply to Be Monitored. 2.8 V
± 5%.
6
NC
No Connect.
7
ERRX
Digital Input. Auxiliary error input (active high). When High it forces PWROK to be Low.
8VCC
Supply Monitor IC Power Supply. Can be powered off any power supply between 2.5 V and 6 V
including one of the supplies being monitored (except for SU1).
9
SU4DET
Digital Input. Disable SU4. When High it causes
ERR4 to pull high through 10 k
Ω external resistor to
a positive power supply.
10
ERRY
Digital Input. Auxiliary error input (active low). When Low it forces PWROK to be Low.
11
DIS
Digital Input. When High it forces PWROK to be High.
12
ERR4
Open Drain Output. Pulls high through 10 k
Ω external resistor to a positive power supply when
SU4DET is high or SU4 is within its required tolerance of 2.8 V
± 5%. Pulls Low otherwise.
13
ERR3
Open Drain Output. Low when SU3 is outside its required tolerance of 3.3 V
± 7%. Pulls High other-
wise through 10 k
Ω external resistor to a positive power supply.
14
PWROK
Open Drain Output. Pulls High through external 10 k
Ω resistor to a positive power supply when SU1,
SU2, SU3 and SU4 are all within their required tolerances and when
ERRY is High and when ERRX
is Low. Pulls Low otherwise.
15
ERR2
Open Drain Output. Low when SU2 is outside its required tolerance of 5 V
± 7%. Pulls High other-
wise through 10 k
Ω external resistor to a positive power supply.
16
ERR1
Open Drain Output. Low when SU1 is outside its required tolerance of 12 V
± 6%. Pulls High other-
wise through 10 k
Ω external resistor to a positive power supply.
PIN CONFIGURATION
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
ADM9264
NC = NO CONNECT
GND
ERR3
PWROK
ERR2
ERR1
SU1
SU2
SU3
ERRY
DIS
ERR4
SU4
NC
ERRX
VCC
SU4DET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com