Electronic Components Datasheet Search
  English  ▼

X  

ADP195 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP195
Description  Ultralow Power, 3-Axis, Motion Activated Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195 Datasheet(HTML) 5 Page - Analog Devices

  ADP195 Datasheet HTML 1Page - Analog Devices ADP195 Datasheet HTML 2Page - Analog Devices ADP195 Datasheet HTML 3Page - Analog Devices ADP195 Datasheet HTML 4Page - Analog Devices ADP195 Datasheet HTML 5Page - Analog Devices ADP195 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Circuit Note
CN-0274
Rev. A | Page 5 of 6
Figure 3. Photo of EVAL-CN0274-SDPZ PCB
COMMON VARIATIONS
The maximum continuous operating current of the ADP195 is
fixed at 1.1 A. For applications requiring more downstream power,
a higher current rated switch can be used in place of the ADP195.
By sacrificing approximately 15 µA of quiescent current, the
ADP197 is capable of providing 3 A of current to downstream
circuitry. For applications requiring less downstream power, the
ADP190 can be used. It has a continuous current of 500 mA
and is available in a smaller WLCSP package than the ADP195.
A second variant of the provided solution is to create a free fall
detection system. This function can be implemented using the
inactivity interrupt. When an object is in true free-fall, acceleration
on all axes is 0 g. Thus, free-fall detection is achieved by looking
for acceleration on all axes to fall below a certain threshold (close to
0 g) for a certain amount of time.
The ADXL362 functions as a free-fall detector by setting the
inactivity threshold (300 mg to 600 mg) and inactivity time
(150 ms to 350 ms). The register setting for these values varies
based on the g-range setting of the device.
CIRCUIT EVALUATION AND TEST
This circuit uses the EVAL-SDP-CS1Z System Demonstration
Platform (SDP) evaluation board and the EVAL-CN0274-SDPZ
circuit board. The two boards have 120-pin mating connectors,
allowing for the quick setup and evaluation of the performance
of the circuit.
The EVAL-CN0274-SDPZ contains the circuit to be evaluated,
as described in this note, and the EVAL-SDP-CS1Z is used with
the CN0274 evaluation software to capture the data from the
EVAL-CN0274-SDPZ.
Because the ADXL362 requires a relatively small amount of
power in both the asleep and awake states, it is possible to
power the EVAL-CN0274-SDPZ from the digital data lines
coming out of the EVAL-SDP-CS1Z.
Equipment Needed
The following equipment is needed:
• A PC with a USB port and Windows® XP or Windows Vista®
(32-bit), or Windows® 7 (32-bit)
• The EVAL-CN0274-SDPZ evaluation board
• The EVAL-SDP-CS1Z evaluation board
• The CN0274 Evaluation Software
• A power supply: 3.0 V or 2 AAA batteries.
Getting Started
Load the evaluation software by placing the CN0274 evaluation
software CD into the PC. Using My Computer, locate the drive
that contains the evaluation software CD and open the Readme
file. Follow the instructions contained in the Readme file for
installing and using the evaluation software.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com