Electronic Components Datasheet Search
  English  ▼

X  

ADP195 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP195
Description  Ultralow Power, 3-Axis, Motion Activated Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195 Datasheet(HTML) 6 Page - Analog Devices

  ADP195 Datasheet HTML 1Page - Analog Devices ADP195 Datasheet HTML 2Page - Analog Devices ADP195 Datasheet HTML 3Page - Analog Devices ADP195 Datasheet HTML 4Page - Analog Devices ADP195 Datasheet HTML 5Page - Analog Devices ADP195 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CN-0274
Circuit Note
Rev. A | Page 6 of 6
Functional Block Diagram
See Figure 4 for the test setup block diagram, and the EVAL-
CN0274-SDPZ-SCH-RevA.pdf file for the circuit schematics.
This file is contained in the CN0274 Design Support Package.
EVAL-SDP-CS1Z
J1
J3
3V
POWER
SUPPLY
J2
PC
OPTIONAL
AAA BATTERIES
120-PIN
CONNECTOR
USB
EVAL-CN0274-SDPZ
Figure 4. Test Setup Block Diagram
Setup
Connect the 120-pin connector on the EVAL-CN0274-SDPZ to
the connector on the EVAL-SDP-CS1Z. Use nylon hardware to
firmly secure the two boards, using the holes provided at the
ends of the 120-pin connectors.
With power to the supply off, connect a 3.0 V power supply to the
J3 connector. Alternatively, Connector J2 can be used on the
bottom of the PCB to power the entire circuit off two AAA
batteries. Connect the USB cable supplied with the EVAL-SDP-
CS1Z to the USB port on the PC. Note: Do not connect the USB
cable to the mini-USB connector on the SDP board at this time.
Test
Apply power to the J3 screw terminal or place batteries in the J2
connector on the bottom of the PCB batteries (move Jumper J6
to the left-hand position for battery operation). Launch the
CN0274 evaluation software and connect the USB cable from
the PC to the mini-USB connector on the EVAL-SDP-CS1Z.
Once USB communications are established, the EVAL-SDP-CS1Z
can now be used to send, receive, and capture serial data from
the EVAL-CN0274-SDPZ.
Information regarding the EVAL-SDP-CS1Z can be found in
the SDP User Guide.
Information and details regarding test setup and calibration, and
how to use the evaluation software for data capture can be found in
the software Readme file found at: www.analog.com/CN0274-
UserGuide.
LEARN MORE
CN-0274 Design Support Package:
http://www.analog.com/CN0274-DesignSupport
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of “AGND” and “DGND”, Analog Devices.
MT-101 Tutorial, Decoupling Techniques, Analog Devices.
AN-688 Application Note, Phase and Frequency Response of
iMEMS Accelerometers and Gyros, Analog Devices
Data Sheets and Evaluation Boards
CN0274 Circuit Evaluation Board (EVAL-CN0274-SDPZ)
System Demonstration Platform (EVAL-SDP-CS1Z)
ADXL362 Data Sheet
ADP195 Data Sheet
ADP195 Evaluation Board
REVISION HISTORY
11/12—Rev. 0 to Rev. A
Changes to Circuit Note Title and Circuit Function and Benefits
Section.................................................................................................1
Changes to Common Variations .....................................................5
9/12—Rev. 0: Initial Version
(Continued fromfirst page)Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you
may use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by
application or use of the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, Circuits from the Lab circuits are supplied
"as is" and without warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular
purpose and no responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices
reserves the right to change any Circuits from the Lab circuits at any time without notice but is under no obligation to do so.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN10773-0-11/12(A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com