Electronic Components Datasheet Search
  English  ▼

X  

ADMC328 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMC328
Description  28-Lead ROM-Based DSP Motor Controller with Current Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC328 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMC328 Datasheet HTML 13Page - Analog Devices ADMC328 Datasheet HTML 14Page - Analog Devices ADMC328 Datasheet HTML 15Page - Analog Devices ADMC328 Datasheet HTML 16Page - Analog Devices ADMC328 Datasheet HTML 17Page - Analog Devices ADMC328 Datasheet HTML 18Page - Analog Devices ADMC328 Datasheet HTML 19Page - Analog Devices ADMC328 Datasheet HTML 20Page - Analog Devices ADMC328 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ADMC328
–17–
REV. B
Following reset, VC = 0 at t = 0. This reset and the start of the
conversion process are initiated by the PWMSYNC pulse, as
shown in Figure 12. The width of the PWMSYNC pulse is
controlled by the PWMSYNCWT register and should be
programmed according to Figure 13 to ensure complete resetting.
In order to compensate for IC process manufacturing tolerances
(and to adjust for capacitor tolerances), the current source of the
ADMC328 is software programmable. The software setting of the
magnitude of the ICONST current generator is accomplished by
selecting one of eight steps over an approximately 20% cur-
rent range.
V1
PWMSYNC
VVIL
COMPARATOR
OUTPUT
t
TCRST
TPWM –TCRST
tVIL
VC
VCMAX
Figure 12. Analog Input Block Operation
The ADC system consists of four comparators and a single timer,
which may be clocked at either the DSP rate or half the DSP
rate depending on the setting of the ADCCNT bit (Bit 7) of the
MODECTRL register. When this bit is cleared, the timers count
at a slower rate of CLKIN. When this bit is set, they count at
CLKOUT or twice the rate of CLKIN. ADC1, ADC2, ADC3,
and ADCAUX are the registers that capture the conversion times,
which are effectively the timer value when the associated com-
parator trips.
CHARGING CAPACITOR – nF
200
0
010
100
150
50
246
8
Figure 13. PWMSYNCWT Program Value
ADC Resolution
The ADC is intrinsically linked to the PWM block through the
PWMSYNC pulse controlling the ADC conversion process.
Because of this link, the effective resolution of the ADC is a
function of both the PWM switching frequency and the rate at
which the ADC counter timer is clocked. For a CLKOUT period
of tCK and a PWM period of TPWM, the maximum count of the
ADC is given by:
Max Count = min (4095, (TPWM – TCRST)/2 tCK)
for MODECTRL Bit 7 = 0
Max Count = min (4095, (TPWM – TCRST)/tCK)
for MODECTRL Bit 7 = 1
Where TPWM is equal to the PWM period if operating in single
update mode, or it is equal to half that period if operating in
double update mode. For an assumed CLKOUT frequency of
20 MHz and PWMSYNC pulsewidth of 2.0
µs, the effective
resolution of the ADC block is tabulated for various PWM
switching frequencies in Table VII.
Table VII. ADC Resolution Examples
PWM
MODECTRL[7] = 0
MODECTRL[7] = 1
Freq.
Max
Effective
Max
Effective
(kHz)
Count
Resolution
Count
Resolution
2.4
4095
12
4095
12
4
2480
>11
4095
12
8
1230
>10
2460
>11
18
535
>9
1070
>10
25
380
>8
760
>9
Charging Capacitor Selection
The charging capacitor value is selected based on the sample
(PWM) frequency desired. A selected capacitor value that is
too small will reduce the available resolution of the ADC by
having the ramp voltage rise rapidly and convert too quickly,
not utilizing all possible counts available in the PWM cycle. Too
large a capacitor may not convert in the available PWM cycle,
returning 0xFFF. To select a charging capacitor use Figure 14,
select the sampling frequency desired, then determine if the cur-
rent source is to be tuned to a nominal 100
µA or left in the
default (0x0 code) trim state, then determine the proper charge
capacitor from the appropriate curve.
FREQUENCY – kHz
100
1
1
100
10
10
DEFAULT ICONST
TUNED ICONST
Figure 14. Timing Capacitor Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com