Electronic Components Datasheet Search
  English  ▼

X  

ADMC328 Datasheet(PDF) 18 Page - Analog Devices

Part # ADMC328
Description  28-Lead ROM-Based DSP Motor Controller with Current Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC328 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMC328 Datasheet HTML 14Page - Analog Devices ADMC328 Datasheet HTML 15Page - Analog Devices ADMC328 Datasheet HTML 16Page - Analog Devices ADMC328 Datasheet HTML 17Page - Analog Devices ADMC328 Datasheet HTML 18Page - Analog Devices ADMC328 Datasheet HTML 19Page - Analog Devices ADMC328 Datasheet HTML 20Page - Analog Devices ADMC328 Datasheet HTML 21Page - Analog Devices ADMC328 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADMC328
–18–
REV. B
Programmable Current Source
The ADMC328 has an internal current source that is used to
charge an external capacitor, generating the voltage ramp used
for conversion. The magnitude of the output of the current source
circuit is subject to manufacturing variations and can vary from
one device to the next. Therefore, the ADMC328 incudes a pro-
grammable current source whose output can always be tuned to
within 5% of the target 100
µA. A 3-bit register, ICONST_TRIM,
allows the user to make this adjustment. The output current is
proportional to the value written to the register: 0x0 produces
the minimum output, and 0x7 produces the maximum output.
The default value of ICONST_TRIM after reset is 0x0.
ADC Reference Ramp Calibration
The peak of the ADC ramp voltage should be as close as pos-
sible to 3.5 V to achieve the optimum ADC resolution and
signal range. When the current source is in the Default State,
the peak of the ADC ramp slope will be lower than this “3.5 V”
target ramp. When the current source value is increased, the
ADC ramp slope will become closer to the target value. The
“tuned” ramp slope is the one closest to the target ramp.
A simple calibration procedure using the internal 2.5 V reference
voltage allows the selection of the ICONST_TRIM register
value to reach this “tuned” ramp slope:
1. A high quality linear ADC capacitor is selected using Figure
14 for a tuned ICONST.
2. Program PWMSYNCWT to proper count as in Figure 13.
3. The ADC Max Count is calculated, as described in the ADC
Resolution section.
4. The target reference conversion count is calculated as TAR-
GET = (Max Count)
× (2.5 V/3.5 V).
5. Reset or software sets the ICONST_TRIM register to zero.
6. Select the calibration VREF in software on ADC multiplexer
and wait one PWM cycle for updated ADC value.
7. The calibration channel value is compared with the target
reference conversion.
8. If this value is greater than the TARGET, the ICONST_TRIM
value is incremented by one, and Step 7 is repeated.
9. If the calibration channel value is less than the TARGET, the
calibration is completed.
VREF
3.5V
0.3V
MINIMUM
RAMP
TARGET
RAMP
Figure 15. Current Ramp
Current Sense Amplifier
The ADMC328 analog circuit block also integrates an inverting
amplifier, a sample-and-hold amplifier, and an overcurrent-
trip comparator. The current sense amplifier input signal range
is matched to the requirements of medium to low power motor
control applications. There is an output offset that matches the
amplifier output signal range to the input signal range of the A/D
converter. This amplifier is followed by a sample-and-hold
amplifier that samples the current sense signal on the falling
edge of the PWMSYNC pulse. This sampling amplifier system
can be used to capture the winding current signal in a brushless
dc motor.
Current Sense Amplifier Application
The ADMC328 current sense amplifier system has been provided
to simplify the measurement of the motor winding currents in
brushless dc motor control systems. The assumed power cir-
cuit configuration, illustrated in Figure 16 is one in which a
current sense resistor is placed between the circuit common and
the return path to the negative power bus. The normal PWM
modulation scheme keeps one upper device fully conducting
while the duty cycle of one of the lower power switches is varied.
In this case, there is a negative going voltage across the resistive
shunt when the complementary upper diode conducts. The
shunt signal, IBUS shown in Figure 17, is sampled at the mid-
point of the lower device on period using the PWMSYNC pulse.
The captured value represents the current in the motor winding
IWINDING.
CL
BL
AL
CH
BH
AH
IWINDING
0V
CURRENT SENSE SIGNAL
CIRCUIT COMMON
+V
–V
IWINDING
IBUS
Figure 16. Typical Power Inverter Switching Topology
for DC Brushless Motor Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com